công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 348 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 348 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 344Page - NEC MPD78CP14KB Datasheet HTML 345Page - NEC MPD78CP14KB Datasheet HTML 346Page - NEC MPD78CP14KB Datasheet HTML 347Page - NEC MPD78CP14KB Datasheet HTML 348Page - NEC MPD78CP14KB Datasheet HTML 349Page - NEC MPD78CP14KB Datasheet HTML 350Page - NEC MPD78CP14KB Datasheet HTML 351Page - NEC MPD78CP14KB Datasheet HTML 352Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 373 page
background image
CHAPTER 15
OPERATING PRECAUTIONS
330
15.5 Serial Interface Start Bit Input
• Target products
:
All products
• Details
:
When receiving serial data in the asynchronous mode, if approximately 1/2 bit pulse
is input to the RXD pin, the data parity stop bit input is prohibited and an overrun error
may result at the time next data is input.
• Remedy
:
Examine the following methods.
(1) Never input approximately 1/2 bit start bit to the RXD pin.
(2) When the ER flag is set, issue the retransmit request to the transmitting side.
15.6 Serial Interface and Transmission Format Change
• Target products
:
All products
• Details
:
Serial interface may hang up if a transmit data format is changed by manipulating the
SML and SMH registers while transmitting data in the serial register. (This may occur
event if the TXE bit is reset (0)).
The reasons are as follows: When the TXE bit is changed from the set (1) state to reset
(0) state, the send disabled will result after completing data sending from the serial
register. Therefore, if change is made while data is left in the serial register, the serial
interface may not be sent.
• Remedy
:
Examine the following methods.
(1) Set the destination mode so that the transfer format needs not be changed.
(2) When changing transfer format take measure on software so that the transfer format is not be change
until the serial register data is sent out after resetting (0) TXE bit.
15.7 Input Voltage to Analog Input Pin
• Target products
:
All products
• Details
:
When analog input voltage VIAN specified by the A/D converter characteristics exceeds
the specified value accuracy cannot be expected from the value obtained.
Then analog input circuit is as shown in Figure 15-1. It is connected to the sample hold
capacitor via the protection register, protection diode and analog switch. There are one
sample hold capacitor and one A/D converter. The analog input samples the input signal
selected by the analog switch. In this case, if a voltage exceeding the specified analog
voltage is applied to the analog input pin, the analog switch conducts even if it is not
selected. This causes the sample hold capacitor to be charged (When the analog input
voltage
≥VIAN) or discharged (when the analog input voltage ≤VIAN), making the selected
analog input voltage change unreliable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com