công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 346 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 346 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 342Page - NEC MPD78CP14KB Datasheet HTML 343Page - NEC MPD78CP14KB Datasheet HTML 344Page - NEC MPD78CP14KB Datasheet HTML 345Page - NEC MPD78CP14KB Datasheet HTML 346Page - NEC MPD78CP14KB Datasheet HTML 347Page - NEC MPD78CP14KB Datasheet HTML 348Page - NEC MPD78CP14KB Datasheet HTML 349Page - NEC MPD78CP14KB Datasheet HTML 350Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 373 page
background image
CHAPTER 15
OPERATING PRECAUTIONS
328
Even when the RAE bit is set and operates normally, an abnormality will result due to
power source voltage rising condition, unevenness between product lots, difference
between masked PROM and on-chip PROM, etc.
• Remedy
:
As shown in Initialization Example 1 set the stack pointer and MM register before
interrupt enable and subroutine call to enable the use of on-chip RAM.
15.2 Port D/F Setting
• Target products
:
All products
• Details
:
A program to dynamically change the port D/F operation mode (from port mode to
expand mode, and vice versa, from input port to output port, and vice versa and
expansion space change) cannot be emulate by an emulator.
Relevant register: MM register (MM0 to MM2)
MF register
• Remedy
:
Once a mode is set, never the same mode again.
15.3 Timer, Timer/Event Counter Compare Register Setting
• Target products
:
All products
• Details
:
When the compare register value setting competes with compareter match, the latter
takes preference over the former. Therefore, match interrupt occurrence and output
control are disabled. Table 15-1 lists compare register, match signal and match interrupt
of each timer.
Table 15-1. Compare Register, Match Signal and Match Interrupt of Each Timer
Timer and Timer/Event Counter
Compare Register
Match Signal
Match Interrupt
TIMER0
Timer REG0
–
INTT0
(TM0)
TIMER1
Timer REG1
_
INTT1
(TM1)
Timer/event counter
Timer/event counter REG0
CP0
INTE0
(ECNT)
(ETM0)
Timer/event counter REG1
CP1
INTE1
(ETM1)
• Remedy
:
When setting the compare register value do not allow the set value to compete with
the comparator match signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com