công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 334 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 334 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 330Page - NEC MPD78CP14KB Datasheet HTML 331Page - NEC MPD78CP14KB Datasheet HTML 332Page - NEC MPD78CP14KB Datasheet HTML 333Page - NEC MPD78CP14KB Datasheet HTML 334Page - NEC MPD78CP14KB Datasheet HTML 335Page - NEC MPD78CP14KB Datasheet HTML 336Page - NEC MPD78CP14KB Datasheet HTML 337Page - NEC MPD78CP14KB Datasheet HTML 338Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
316
14.6.13 Call instructions
CALL word
(Call subroutine direct)
<1> Operation code
:
01000000
Low address
High address
<2> Number of bytes :
3
<3> Number of states :
16 (10)
<4> Function
:
(SP–1)
← PC+315-8, (SP–2) ← PC+37-0,
SP
← SP–2, PC ← word
Stores the high-order 8 bits of the start address of the next instruction in the stack memory indicated by SP–
1 and stores the low-order 8 bits in the stack memory indicated by SP–2, then loads the immediate data in
the 2nd byte into the low-order 8 bits (PC7-0) of the program counter and loads the immediate data in the
3rd byte into the high-order 8 bits (PC15–8), and jumps to the address indicated by the immediate data.
<5> Flags affected
:
SK
← 0, L1 ← 0, L0 ← 0
CALB
(Call subroutine BC indirect)
<1> Operation code
:
01001000
00101001
<2> Number of bytes :
2
<3> Number of states :
17 (8)
<4> Function
:
(SP–1)
← PC+215–8, (SP–2) ← PC+27–0,
SP
← PC–2, PC15–8 ← B, PC7–0 ← C
Stores the high-order 8 bits of the start address of the next instruction in the stack memory indicated by SP–
1 and stores the low-order 8 bits in the stack memory indicated by SP–2, then loads the B register into the
high-order 8 bits (PC15-8) of the program counter and loads the contents of the C register into the low-order
8 bits (PC7–0), and jumps to the address indicated by the BC register.
<5> Flags affected
:
SK
← 0, L1 ← 0, L0 ← 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com