công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 332 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 332 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 328Page - NEC MPD78CP14KB Datasheet HTML 329Page - NEC MPD78CP14KB Datasheet HTML 330Page - NEC MPD78CP14KB Datasheet HTML 331Page - NEC MPD78CP14KB Datasheet HTML 332Page - NEC MPD78CP14KB Datasheet HTML 333Page - NEC MPD78CP14KB Datasheet HTML 334Page - NEC MPD78CP14KB Datasheet HTML 335Page - NEC MPD78CP14KB Datasheet HTML 336Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
314
JR word
(Jump Relative)
<1> Operation code
:
1
1
jdisp1
<2> Number of bytes :
1
<3> Number of states :
10 (4)
<4> Function
:
PC
← PC+1+jdisp1
Jumps to the address obtained by adding the 6-bit displacement value jdisp1 to the start address of the next
instruction. jdisp1 is handled as signed two's complement data (–32 to +31), with bit 5 as the sign bit.
15
PC + 1
0
15
0
4
XS
15
0
+
5
6
jdisp1
When S = 0: X = All 0's
When S = 1: X = All 1's
Jump address
A jump destination address or label which takes account of the jump range should be directly written as the
operand of the JR instruction. Thus, when a JR instruction is executed at address 1000, for example, the
possible jump range is from address 969 to address 1032.
<5> Flags affected
:
SK
← 0, L1 ← 0, L0 ← 0
<6> Example
:
CLWR : LXI
D, 2000H ; DE=2000H
MVI
C, 7
; C=7, LOOP COUNTER
XRA
A, A
; CLEAR A
98 LOOP : STAX D+
; (DE)
← 0, DE ← DE+1
99
DCR
C
; C
← C–1, SKIP IF BORROW
100
JR
LOOP
; JUMP TO LOOP
RET
;
The loop is executed repeatedly by means of the JR instruction until the 8 addresses
starting at memory address 2000H (i.e. addresses up to the including address 2007H)
have been cleared.
Since the displacement value is this case is –3, the actual operation code is as follows:
11111101
Two's complement of –3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com