công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 305 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 305 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 301Page - NEC MPD78CP14KB Datasheet HTML 302Page - NEC MPD78CP14KB Datasheet HTML 303Page - NEC MPD78CP14KB Datasheet HTML 304Page - NEC MPD78CP14KB Datasheet HTML 305Page - NEC MPD78CP14KB Datasheet HTML 306Page - NEC MPD78CP14KB Datasheet HTML 307Page - NEC MPD78CP14KB Datasheet HTML 308Page - NEC MPD78CP14KB Datasheet HTML 309Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
287
SUBNBW wa
(Subtract Working Register from A. Skip if No Borrow)
<1> Operation code
:
01110100
10110000
Offset
<2> Number of bytes :
3
<3> Number of states :
14 (11)
<4> Function
:
A
← A–(V.wa); Skip if no borrow.
Subtracts the contents of the working register addressed by the V register (high-order 8 bits) and the
immediate data in the 3rd byte (low-order 8 bits) from the contents of the accumulator, and stores the result
in the accumulator. Skips if no borrow is generated as a result of the subtraction.
<5> Flags affected
:
Z, SK, HC, L1
← 0, L0 ← 0, CY
<6> Example
:
WORK EQU
0E0H
; WORK=E0H
LOCA
EQU
0
; LOCA=00H
MVI
V, WORK
; V
← E0H
SUBNBW LOCA
; A
← A–(E000H)
When this instruction is executed, the upper 8-bit address of the area to be accessed
must be loaded beforehand into the V register which specifies the 256-byte working
register area. Next, the lower 8-bit address is selected by the value of the SUBNBW
instruction operand, and then the processing is performed.
ANAW wa
(And Working Register with A)
<1> Operation code
:
01110100
10001000
Offset
<2> Number of bytes :
3
<3> Number of states :
14 (11)
<4> Function
:
A
← A (V.wa)
Obtains the logical product of the contents of the accumulator and the contents of the working register
addressed by the V register (high-order 8 bits) and the immediate data in the 3rd byte (low-order 8 bits), and
stores the result in the accumulator.
<5> Flags affected
:
Z, SK
← 0, L1 ← 0, L ← 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com