| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPD78CP14KB bảng dữ liệu(PDF) 274 Page - NEC |
|
|
|||||||||||||||||||||||||||||
MPD78CP14KB bảng dữ liệu(HTML) 274 Page - NEC |
|
274 / 373 page ![]() CHAPTER 14 INSTRUCTION SET 256 SUBNB A, r (Subtract Register from A. Skip if No Borrow) <1> Operation code : 01100000 10110R2 R1 R0 <2> Number of bytes : 2 <3> Number of states : 8 (8) <4> Function : A ← A–r; Skip if no borrow. Subtracts the contents of the register r (V, A, B, C, D, E, H, L) specified by R2R1R0 (0 to 7) from the contents of the accumulator, and stores the result in the accumulator. Skips if no borrow is generated as a result of the subtraction. <5> Flags affected : Z, SK, HC, L1 ← 0, L0 ← 0, CY <6> Example : SUBNB A, D; A ← A–D A skip is performed if no borrow is generated as a result of the subtraction. SUBNB r, A (Subtract A from Register. Skip if No Borrow) <1> Operation code : 01100000 00110R2 R1 R0 <2> Number of bytes : 2 <3> Number of states : 8 (8) <4> Function : r ← r–A; Skip if no borrow. Subtracts the contents of the accumulator from the contents of the register r (V, A, B, C, D, E, H, L) specified by R2R1R0 (0 to 7), and stores the result in the specified register. Skips if no borrow is generated as a result of the subtraction. <5> Flags affected : Z, SK, HC, L1 ← 0, L0 ← 0, CY <6> Example : To subtract A from the HL register pair. SUBNB L, A; L ← L–A, SKIP IF NO BORROW. SUI H, I; H ← H–1 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |