công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 259 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 259 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 255Page - NEC MPD78CP14KB Datasheet HTML 256Page - NEC MPD78CP14KB Datasheet HTML 257Page - NEC MPD78CP14KB Datasheet HTML 258Page - NEC MPD78CP14KB Datasheet HTML 259Page - NEC MPD78CP14KB Datasheet HTML 260Page - NEC MPD78CP14KB Datasheet HTML 261Page - NEC MPD78CP14KB Datasheet HTML 262Page - NEC MPD78CP14KB Datasheet HTML 263Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
241
EXA
(Exchange V, A, EA and V', A', EA')
<1> Operation code
:
00010000
<2> Number of bytes :
1
<3> Number of states :
4 (4)
<4> Function
:
V
V', A
A', EA
EA'
Exchanges the contents of V and A registers and EA with the contents of the V' and A' registers and EA'.
<5> Flags affected
:
SK
← 0, L1 ← 0, L0 ← 0
EXH
(Exchange HL and H'L')
<1> Operation code
:
01010000
<2> Number of bytes :
1
<3> Number of states :
4 (4)
<4> Function
:
H
H', L
L'
Exchanges the contents of H and L registers with the contents of the H' and L' registers.
<5> Flags affected
:
SK
← 0, L1 ← 0, L0 ← 0
BLOCK
(Block Data Transfer)
<1> Operation code
:
00110001
<2> Number of bytes :
1
<3> Number of states :
13
× (C+1), (4)
<4> Function
:
(DE)
← (HL), DE ← DE+1, HL ← HL+1, C ← C–1, end if borrow.
Performs a block transfer to the memory addressed by the DE register pair comprising the number of bytes
specified by the C register used as a counter (C register value +1) of the contents of the memory addressed
by the HL register pair.
Each time a byte is transferred, HL and DE are auto-incremented and the C register is decremented. When
the C register value reaches FFH, the instruction is terminated and the program moves on to the next
instruction.
Interrupts can be acknowledged during repeated transfers by means of a BLOCK instruction, in which case
the transfer continues after returning from the interrupt service routine.
<5> Flags affected
:
SK
← 0, L1 ← 0, L0 ← 0
→
←
→
←
→
←
→
←
→
←



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com