| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPD78CP14KB bảng dữ liệu(PDF) 257 Page - NEC |
|
|
|||||||||||||||||||||||||||||
MPD78CP14KB bảng dữ liệu(HTML) 257 Page - NEC |
|
257 / 373 page ![]() CHAPTER 14 INSTRUCTION SET 239 STAX rpa2 (Store A to Memory addressed by Register Pair) <1> Operation code : A3 0111A2 A1 A0 Data <2> Number of bytes/states: The number of bytes and number of states are as shown below, depending on the rpa2 specification. rpa2 B D H D+ H+ D– H– D+byte H+A H+B H+EA H+byte Number of bytes 1 2 1 2 Number of states 7 (4) 13 (7) <3> Function : (rpa2) ← A Stores the accumulator contents in the memory addressed by the register pair rpa2 (BC, DE, HL, DE+, HL+, DE–, HL–, DE+byte, HL+A, HL+B, HL+EA, HL+byte) specified by A3A2A1A0 (1 to 7, B to F). If auto-increment/ auto-decrement is specified, the contents of the register pair (DE or HL) are automatically incremented or decremented by 1 after the accumulator contents have been stored. If DE+byte or HL+byte is specified as rpa2, the memory is addressed by the result of adding the 2nd byte (Data) of the instruction to the contents of DE/HL. If HL+A, HL+B, or HL+EA is specified, the memory is addressed by the result of adding the contents of the register (A, B, EA) to the contents of HL. <4> Flags affected : SK ← 0, L1 ← 0, L0 ← 0 <5> Example : LXI D, 4000H ; DE ← 4000H STAX D+ ; (4000H) ← A, DE ← 4001H STAX D+10H ; (4011H) ← A, DE ← 4001H This example stores A in addresses 4000H and 4011H. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |