công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 176 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 176 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 172Page - NEC MPD78CP14KB Datasheet HTML 173Page - NEC MPD78CP14KB Datasheet HTML 174Page - NEC MPD78CP14KB Datasheet HTML 175Page - NEC MPD78CP14KB Datasheet HTML 176Page - NEC MPD78CP14KB Datasheet HTML 177Page - NEC MPD78CP14KB Datasheet HTML 178Page - NEC MPD78CP14KB Datasheet HTML 179Page - NEC MPD78CP14KB Datasheet HTML 180Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 373 page
background image
CHAPTER 9
INTERRUPT CONTROL FUNCTIONS
158
9.2 External Interrupt Sampling
Pins NMI, INT1, INT2, and AN7 to AN4 have a noise elimination function to prevent errors due to noise signals.
(1) NMI input
This is the falling-edge-active non-maskable interrupt input. When the NMI signal is detected to be low for
at least a given time by the analog delay circuit, it is recognized as a normal signal and the INTFNMI interrupt
request flag is set.
At the end of the instruction INTFNMI is checked and if set, the program jumps to the interrupt address for
non-maskable interrupts regardless of the EI/DI state. When an interrupt request is acknowledged, INTFNMI
is automatically reset.
(2) INT1 input
This is the rising-edge-active maskable interrupt input. When the INT1 signal changes from low to high, and
the high level is detected in 3 or more successive
φ12 cycle sampling pulses (12 states: 2.4 µs at 15 MHz),
the input is recognized as a normal signal and the INTF1 interrupt request flag is set.
When masking is released in the EI state, a check is made that the INTF1 is set at the end of the instruction,
and if there is no other interrupt request of higher priority, the INT1 interrupt is acknowledged and the program
jumps to the interrupt address. Interrupt request flag resetting is described in 9.4 Maskable Interrupt
Operation.
A new INT1 interrupt is detected when the INT1 signal is high for at least 12 states after first returning to
the low level.
(3) INT2 input
This is the falling-edge-active maskable interrupt input. Except for having the opposite active state, its
functions are the same as those of the INT1 input.
(4) AN7 to AN4 inputs
A falling edge is detected by the same method as for the INT2 input, and the test flag is set (AN7 to AN4
of the test flag register). These flags can be tested by an instruction (SKIT or SKNIT), and are automatically
reset when tested. In setting a testable flag again, the criterion for detection is a low-level input signal for
a duration of at least 12 states after first returning to the high level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com