công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 175 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 175 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 171Page - NEC MPD78CP14KB Datasheet HTML 172Page - NEC MPD78CP14KB Datasheet HTML 173Page - NEC MPD78CP14KB Datasheet HTML 174Page - NEC MPD78CP14KB Datasheet HTML 175Page - NEC MPD78CP14KB Datasheet HTML 176Page - NEC MPD78CP14KB Datasheet HTML 177Page - NEC MPD78CP14KB Datasheet HTML 178Page - NEC MPD78CP14KB Datasheet HTML 179Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 373 page
background image
CHAPTER 9
INTERRUPT CONTROL FUNCTIONS
157
(3) Priority control circuit
This circuit controls the 6 priority levels described earlier. If two or more interrupt request flags are set
simultaneously, the interrupt with the highest priority according to Table 9-1 is acknowledged, and the
remainder are held pending.
(4) Test control circuit
This circuit comes into operation when a skip instruction (SKIT or SKNIT) is executed to test interrupt request
flags (except INTFNMI) for each interrupt source, NMI pin states and test flags which do not generate an
interrupt request.
(5) Interrupt enable F/F (IE F/F)
This is a flip-flop which is set by the EI instruction and reset by the DI instruction. This flip-flop is reset when
an interrupt is acknowledged, and by RESET input, hardware and in STOP mode. Interrupts are enabled when
this flip-flop is set, and disabled when it is reset. Non-maskable interrupts can be acknowledged at any time
irrespective of the status of this flip-flop.
(6) Test flag register
This register consists of 8 test flags which do not generate interrupt requests.
•
NMI
Enables the NMI pin status to be tested. This flag is set to "1" when the NMI pin input level is "1", and
"0" when the level is "0".
•
OV
Set (1) when the timer/event counter ECNT overflows.
•
ER
Set (1) in the event of a parity error, framing error or overrun error in serial reception.
•
SB
Set (1) if VDD pin increases from a level lower than specified to a level higher than specified.
•
AN7 to AN4
Set (1) by a falling edge input to pins AN7 to AN4. Falling edge detection is performed by the same method
as in the case of the INT2 pin.
The above test flags can be tested by a skip instruction (SKIT or SKNIT). Test flags other than NMI are cleared
when tested. The NMI test flag is not changed by execution of an instruction and the pin status can be tested as
it is.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com