công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 168 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 168 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 164Page - NEC MPD78CP14KB Datasheet HTML 165Page - NEC MPD78CP14KB Datasheet HTML 166Page - NEC MPD78CP14KB Datasheet HTML 167Page - NEC MPD78CP14KB Datasheet HTML 168Page - NEC MPD78CP14KB Datasheet HTML 169Page - NEC MPD78CP14KB Datasheet HTML 170Page - NEC MPD78CP14KB Datasheet HTML 171Page - NEC MPD78CP14KB Datasheet HTML 172Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 373 page
background image
CHAPTER 8
ANALOG/DIGITAL CONVERTER FUNCTIONS
150
<d> As the A/D conversion values are stored in memory blocks stating at address 4020H, the start address
(4004H) of the next block is stored in the HL register pair, 03H in the B register, and 00H in the C register.
The ANI2 bit of the A/D channel mode register is inverted to change the input pin on which A/D
conversion is to be performed, and a return is made from the routine.
When A/D conversion values are stored in the memory blocks starting at 4004H (4004H to 4007H,
400CH to 400FH, 4014H to 4017H, and 401CH to 401FH), the program jumps to <e>. The D register
is the counter used to check whether or not A/D conversion values have been stored in the memory
blocks starting at 4004H.
<e> As the A/D conversion values are stored in memory blocks starting at address 4004H, the start address
(4024H) of the next block is stored in the HL register pair, 03H in the B register, and 00H in the C register
and D register. The ANI2 bit of the A/D channel mode register is inverted to change the input pin on
which A/D conversion is to be performed, and a return is made from the routine.
When A/D conversion values are stored in the memory blocks starting at 4024H (4024H to 4027H,
402CH to 402FH, 4034H to 4037H, and 403CH to 403FH), the program jumps to <f>. The E register
is the counter used to check whether or not A/D conversion values have been stored in the memory
blocks starting at 4024H.
<f>
The A/D conversion values are stored in memory blocks starting at address 4024H, and A/D conversion
values are stored in the entire area from 4000H to 403FH. Therefore, initialization is performed in order
to store A/D conversion values in the memory blocks starting at address 4000H once again.
The interrupt service routine is shown below. A JMP ADSE instruction must be stored in the INTAD interrupt
address. (0020H).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com