công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 167 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 167 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 163Page - NEC MPD78CP14KB Datasheet HTML 164Page - NEC MPD78CP14KB Datasheet HTML 165Page - NEC MPD78CP14KB Datasheet HTML 166Page - NEC MPD78CP14KB Datasheet HTML 167Page - NEC MPD78CP14KB Datasheet HTML 168Page - NEC MPD78CP14KB Datasheet HTML 169Page - NEC MPD78CP14KB Datasheet HTML 170Page - NEC MPD78CP14KB Datasheet HTML 171Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 373 page
background image
CHAPTER 8
ANALOG/DIGITAL CONVERTER FUNCTIONS
149
ADSE
Store
contents of
CR0 to CR3
in memory
INTAD
X 4?
Set memory
address
HL
← HL + 1
RETI
4020H
end?
Set memory
address
HL
← 4020H
Y
N
Breg
<a>
<b>
Y
N
Creg
<c>
4004H
end?
Set memory
address
HL
← 4004H
Y
N
Dreg
<d>
Set counter
C
← 0
<e>
4024H
end?
Set memory
address
HL
← 4024H
Y
N
Ereg
Set counters
C
← 0
D
← 0
<f>
Set memory
address
HL
← 4000H
Set counters
←
←
←
1
1
1
C
D
E
Set counter
B
← 3
Set A/D channel
mode register
invert ANI2 bit
INTAD
<a> The contents of CR0 to CR3 which hold the A/D conversion values for pins AN0 to AN3 or pins AN4
to AN7 are stored in the prescribed memory locations.
<b> A check is made to see if an INTAD internal interrupt has been generated 4 times: If fewer than 4, the
HL register pair is incremented by 1 and control returns from the routine. If there have been 4 interrupts,
the program jumps to <c>. The B register is the counter used to check whether 4 interrupts have been
generated.
<c> As the A/D conversion values are stored in memory blocks starting at address 4000H (4000H to 4003H,
4008H to 400BH, 4010H to 4013H, and 4018H to 401BH), the start address (4020H) of the next block
is stored in the HL register pair, and 03H in the B register. The ANI2 bit of the A/D channel mode register
is inverted to change the input pin on which A/D conversion is to be performed, and a return is made
from the routine.
When A/D conversion values are stored in the memory blocks starting at 4020H (4020H to 4023H, 4028H
to 402BH, 4030H to 4033H, and 4038H to 403BH), the program jumps to <d>. The C register is the
counter used to check whether or not A/D conversion values have been stored in the memory blocks
starting at 4020H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com