công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC113LRGPR.B bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện CC113LRGPR.B
Giải thích chi tiết về linh kiện  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR.B bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button CC113LRGPR.B Datasheet HTML 6Page - Texas Instruments CC113LRGPR.B Datasheet HTML 7Page - Texas Instruments CC113LRGPR.B Datasheet HTML 8Page - Texas Instruments CC113LRGPR.B Datasheet HTML 9Page - Texas Instruments CC113LRGPR.B Datasheet HTML 10Page - Texas Instruments CC113LRGPR.B Datasheet HTML 11Page - Texas Instruments CC113LRGPR.B Datasheet HTML 12Page - Texas Instruments CC113LRGPR.B Datasheet HTML 13Page - Texas Instruments CC113LRGPR.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
Parameter
Min
Typ
Max
Unit
Condition
38.4 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(GFSK, 1% packet error rate, 20 bytes packet length, 20 kHz deviation, 100 kHz digital channel filter bandwidth)
Receiver sensitivity
Sensitivity can be traded for current consumption by setting
MDMCFG2.DEM_DCFILT_OFF=1. The typical current
–104
dBm
consumption is then reduced from 17.7 mA to 15.6 mA at the
sensitivity limit. The sensitivity is typically reduced to -102 dBm
Saturation
–16
dBm
FIFOTHR.CLOSE_IN_RX=0. See more in DN010 SWRA147
Adjacent channel rejection
Desired channel 3 dB above the sensitivity limit.
200 kHz channel spacing
–200 kHz offset
12
dB
See Figure 4-6 and Figure 4-7 for blocking performance at other
+200 kHz offset
25
dB
offset frequencies
Image channel rejection
IF frequency 152 kHz
23
dB
Desired channel 3 dB above the sensitivity limit
Blocking
Desired channel 3 dB above the sensitivity limit
See Figure 4-6 and Figure 4-7 for blocking performance at other
±2 MHz offset
–50
dBm
offset frequencies
±10 MHz offset
–40
dBm
250 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(GFSK, 1% packet error rate, 20 bytes packet length, 127 kHz deviation, 540 kHz digital channel filter bandwidth)
Sensitivity can be traded for current consumption by setting
MDMCFG2.DEM_DCFILT_OFF=1. The typical current
Receiver sensitivity
–95
dBm
consumption is then reduced from 18.9 mA to 16.9 mA at the
sensitivity limit. The sensitivity is typically reduced to -91 dBm
Saturation
–17
dBm
FIFOTHR.CLOSE_IN_RX=0. See more in DN010 SWRA147
Desired channel 3 dB above the sensitivity limit.
750-kHz channel spacing
Adjacent channel rejection
25
dB
See Figure 4-8 and Figure 4-9 for blocking performance at other
offset frequencies
IF frequency 304 kHz
Image channel rejection
14
dB
Desired channel 3 dB above the sensitivity limit
Blocking
Desired channel 3 dB above the sensitivity limit
See Figure 4-8 and Figure 4-9 for blocking performance at other
±2 MHz offset
–50
dBm
offset frequencies
±10 MHz offset
–40
dBm
4-FSK, 125 kBaud data rate (250 kbps), sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(1% packet error rate, 20 bytes packet length, 127 kHz deviation, 406 kHz digital channel filter bandwidth)
Receiver sensitivity
–96
dBm
4-FSK, 250 kBaud data rate (500 kbps), sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(1% packet error rate, 20 bytes packet length, 254 kHz deviation, 812 kHz digital channel filter bandwidth
Receiver sensitivity
–91
dBm
4-FSK, 300 kBaud data rate (600 kbps), sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(1% packet error rate, 20 bytes packet length, 228 kHz deviation, 812 kHz digital channel filter bandwidth)
Receiver sensitivity
–89
dBm
10
Specifications
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com