công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC113LRGPR.B bảng dữ liệu(PDF) 54 Page - Texas Instruments

tên linh kiện CC113LRGPR.B
Giải thích chi tiết về linh kiện  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR.B bảng dữ liệu(HTML) 54 Page - Texas Instruments

Back Button CC113LRGPR.B Datasheet HTML 50Page - Texas Instruments CC113LRGPR.B Datasheet HTML 51Page - Texas Instruments CC113LRGPR.B Datasheet HTML 52Page - Texas Instruments CC113LRGPR.B Datasheet HTML 53Page - Texas Instruments CC113LRGPR.B Datasheet HTML 54Page - Texas Instruments CC113LRGPR.B Datasheet HTML 55Page - Texas Instruments CC113LRGPR.B Datasheet HTML 56Page - Texas Instruments CC113LRGPR.B Datasheet HTML 57Page - Texas Instruments CC113LRGPR.B Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 87 page
background image
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
Table 5-23. 0x03: FIFOTHR - RX FIFO Thresholds
Bit
Field Name
Reset
R/W
Description
7
0
R/W
Use setting from SmartRF Studio
0: TEST1 = 0x31 and TEST2= 0x88 when waking up from
SLEEP
1: TEST1 = 0x35 and TEST2 = 0x81 when waking up
from SLEEP
Note that the changes in the TEST registers due to the
ADC_RETENTION bit setting are only seen INTERNALLY
6
ADC_RETENTION
0
R/W
in the analog part. The values read from the TEST
registers when waking up from SLEEP mode will always
be the reset value.
The ADC_RETENTION bit should be set to 1 before
going into SLEEP mode if settings with an RX filter
bandwidth below 325 kHz are wanted at time of wake-up.
For more details, see DN010 SWRA147
Setting
RX Attenuation, Typical Values
0 (00)
0 dB
5:4
CLOSE_IN_RX[1:0]
0 (00)
R/W
1 (01)
6 dB
2 (10)
12 dB
3 (11)
18 dB
Set the threshold for the RX FIFO. The threshold is
exceeded when the number of bytes in the RX FIFO is
equal to or higher than the threshold value.
Setting
Bytes in RX FIFO
0 (0000)
4
1 (0001)
8
2 (0010)
12
3 (0011)
16
4 (0100)
20
5 (0101)
24
3:0
FIFO_THR[3:0]
7 (0111)
R/W
6 (0110)
28
7 (0111)
32
8 (1000)
36
9 (1001)
40
10 (1010)
44
11 (1011)
48
12 (1100)
52
13 (1101)
56
14 (1110)
60
15 (1111)
64
Table 5-24. 0x04: SYNC1 - Sync Word, High Byte
Bit
Field Name
Reset
R/W
Description
7:0
SYNC[15:8]
211 (0xD3)
R/W
8 MSB of 16-bit sync word
Table 5-25. 0x05: SYNC0 - Sync Word, Low Byte
Bit
Field Name
Reset
R/W
Description
7:0
SYNC[7:0]
145 (0x91)
R/W
8 LSB of 16-bit sync word
54
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com