công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC113LRGPR.B bảng dữ liệu(PDF) 23 Page - Texas Instruments

tên linh kiện CC113LRGPR.B
Giải thích chi tiết về linh kiện  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR.B bảng dữ liệu(HTML) 23 Page - Texas Instruments

Back Button CC113LRGPR.B Datasheet HTML 19Page - Texas Instruments CC113LRGPR.B Datasheet HTML 20Page - Texas Instruments CC113LRGPR.B Datasheet HTML 21Page - Texas Instruments CC113LRGPR.B Datasheet HTML 22Page - Texas Instruments CC113LRGPR.B Datasheet HTML 23Page - Texas Instruments CC113LRGPR.B Datasheet HTML 24Page - Texas Instruments CC113LRGPR.B Datasheet HTML 25Page - Texas Instruments CC113LRGPR.B Datasheet HTML 26Page - Texas Instruments CC113LRGPR.B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 87 page
background image
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
5.6
Microcontroller Interface and Pin Configuration
In a typical system, CC113L will interface to a microcontroller. This microcontroller must be able to:
•
Program CC113L into different modes
•
Read buffered data
•
Read back status information through the 4-wire SPI-bus configuration interface (SI, SO, SCLK, and
CSn)
5.6.1
Configuration Interface
The microcontroller uses four I/O pins for the SPI configuration interface (SI, SO, SCLK, and CSn). The
SPI is described in Section 5.5.
5.6.2
General Control and Status Pins
The CC113L has two dedicated configurable pins (GDO0 and GDO2) and one shared pin (GDO1) that
can output internal status information useful for control software. These pins can be used to generate
interrupts on the MCU. See Section 5.18 for more details on the signals that can be programmed.
GDO1 is shared with the SO pin in the SPI interface. The default setting for GDO1/SO is 3-state output.
By selecting any other of the programming options, the GDO1/SO pin will become a generic pin. When
CSn is low, the pin will always function as a normal SO pin.
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
23
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com