công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC113LRGPR.B bảng dữ liệu(PDF) 76 Page - Texas Instruments

tên linh kiện CC113LRGPR.B
Giải thích chi tiết về linh kiện  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR.B bảng dữ liệu(HTML) 76 Page - Texas Instruments

Back Button CC113LRGPR.B Datasheet HTML 72Page - Texas Instruments CC113LRGPR.B Datasheet HTML 73Page - Texas Instruments CC113LRGPR.B Datasheet HTML 74Page - Texas Instruments CC113LRGPR.B Datasheet HTML 75Page - Texas Instruments CC113LRGPR.B Datasheet HTML 76Page - Texas Instruments CC113LRGPR.B Datasheet HTML 77Page - Texas Instruments CC113LRGPR.B Datasheet HTML 78Page - Texas Instruments CC113LRGPR.B Datasheet HTML 79Page - Texas Instruments CC113LRGPR.B Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 87 page
background image
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
7.2
Documentation Support
7.2.1
Related Documentation from Texas Instruments
The following documents describe the CC113L receiver. Copies of these documents are available on the
Internet at www.ti.com.
SWRR046
Characterization Design 315 - 433 MHz (Identical to the CC1101EM 315 - 433 MHz
Reference Design)
SWRR045
Characterization Design 868 - 915 MHz (Identical to the CC1101EM 868 - 915 MHz
Reference Design)
SWRZ038
CC113L Errata Notes
SWRC176
SmartRF Studio
SWRA147
DN010 Close-in Reception with CC1101
SWRA159
DN015 Permanent Frequency Offset Compensation
SWRA114
DN505 RSSI Interpretation and Timing
SWRA215
DN022 CC11xx OOK/ASK register settings
SWRA122
DN005 CC11xx Sensitivity versus Frequency Offset and Crystal Accuracy
SWRR083
CC113LEM 433 MHz Reference Design
SWRR084
CC113LEM 868 - 915 MHz Reference Design
7.2.2
Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the
respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views;
see TI's Terms of Use.
TI E2E™ Online Community
TI's
Engineer-to-Engineer
(E2E)
Community.
Created
to
foster
collaboration among engineers. At e2e.ti.com, you can ask questions, share knowledge,
explore ideas and help solve problems with fellow engineers.
TI Embedded Processors Wiki Texas Instruments Embedded Processors Wiki. Established to help
developers get started with Embedded Processors from Texas Instruments and to foster
innovation and growth of general knowledge about the hardware and software surrounding
these devices.
7.3
Trademarks
E2E is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
76
Device and Documentation Support
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com