công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC113LRGPR.B bảng dữ liệu(PDF) 19 Page - Texas Instruments

tên linh kiện CC113LRGPR.B
Giải thích chi tiết về linh kiện  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR.B bảng dữ liệu(HTML) 19 Page - Texas Instruments

Back Button CC113LRGPR.B Datasheet HTML 15Page - Texas Instruments CC113LRGPR.B Datasheet HTML 16Page - Texas Instruments CC113LRGPR.B Datasheet HTML 17Page - Texas Instruments CC113LRGPR.B Datasheet HTML 18Page - Texas Instruments CC113LRGPR.B Datasheet HTML 19Page - Texas Instruments CC113LRGPR.B Datasheet HTML 20Page - Texas Instruments CC113LRGPR.B Datasheet HTML 21Page - Texas Instruments CC113LRGPR.B Datasheet HTML 22Page - Texas Instruments CC113LRGPR.B Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 87 page
background image
0
A5
A4
A3
A2
A0
A1
DW7
1
Read from register:
Write to register:
Hi-Z
X
SCLK:
CSn:
SI
SO
SI
SO
Hi-Z
t
sp
t
ch
t
cl
t
sd
t
hd
t
ns
X
X
Hi-Z
X
Hi-Z
S7
X
DW6
DW5
DW4
DW3
DW2
DW1
DW0
B
S5
S4
S3
S2
S1
S0
S7
S6
S5
S4
S3
S2
S1
S0
B
B
A5
A4
A3
A2
A1
A0
S7
B
S5
S4
S3
S2
S1
S0
DR7
DR6
DR5
DR4
DR3
DR2
DR1
DR0
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
5.5
4-wire Serial Configuration and Data Interface
CC113L is configured through a simple 4-wire SPI-compatible interface (SI, SO, SCLK and CSn) where
CC113L is the slave. This interface is also used to read and write buffered data. All transfers on the SPI
interface are done most significant bit first.
All transactions on the SPI interface start with a header byte containing a R/W bit, a burst access bit (B),
and a 6-bit address (A5–A0).
The CSn pin must be kept low during transfers on the SPI bus. If CSn goes high during the transfer of a
header byte or during read/write from/to a register, the transfer will be cancelled. The timing for the
address and data transfer on the SPI interface is shown in Figure 5-3 with reference to Table 5-1.
When CSn is pulled low, the MCU must wait until CC113L SO pin goes low before starting to transfer the
header byte. This indicates that the crystal is running. Unless the chip was in the SLEEP or XOFF states,
the SO pin will always go low immediately after taking CSn low.
Figure 5-3. Configuration Registers Write and Read Operations
Table 5-1. SPI Interface Timing Requirements
Parameter
Description
Min
Max
Units
SCLK frequency
–
10
100 ns delay inserted between address byte and data byte (single access), or
between address and data, and between each data byte (burst access).
SCLK frequency, single access
fSCLK
MHz
–
9
No delay between address and data byte
SCLK frequency, burst access
–
6.5
No delay between address and data byte, or between data bytes
tsp,pd
CSn low to positive edge on SCLK, in power-down mode
150
–
µs
tsp
CSn low to positive edge on SCLK, in active mode
20
–
ns
tch
Clock high
50
–
ns
tcl
Clock low
50
–
ns
trise
Clock rise time
–
40
ns
tfall
Clock fall time
–
40
ns
Setup data (negative SCLK edge) to positive edge on
Single access
55
–
tsd
SCLK (tsd applies between address and data bytes,
ns
Burst access
76
–
and between data bytes)
thd
Hold data after positive edge on SCLK
20
–
ns
tns
Negative edge on SCLK to CSn high.
20
–
ns
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
19
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com