| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CC113LRGPR.B bảng dữ liệu(PDF) 74 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC113LRGPR.B bảng dữ liệu(HTML) 74 Page - Texas Instruments |
|
74 / 87 page ![]() CC113L SWRS108B – MAY 2011 – REVISED JUNE 2014 www.ti.com Each decoupling capacitor should be placed as close as possible to the supply pin it is supposed to decouple. Each decoupling capacitor should be connected to the power line (or power plane) by separate vias. The best routing is from the power line (or power plane) to the decoupling capacitor and then to the CC113L supply pin. Supply power filtering is very important. Each decoupling capacitor ground pad should be connected to the ground plane by separate vias. Direct connections between neighboring power pins will increase noise coupling and should be avoided unless absolutely necessary. Routing in the ground plane underneath the chip or the balun/RF matching circuit, or between the chip’s ground vias and the decoupling capacitor’s ground vias should be avoided. This improves the grounding and ensures the shortest possible current return path. Avoid routing digital signals with sharp edges close to XOSC_Q1 PCB track or underneath the crystal Q1 pad as this may shift the crystal dc operating point and result in duty cycle variation. The external components should ideally be as small as possible (0402 is recommended) and surface mount devices are highly recommended. Components with different sizes than those specified may have differing characteristics. Precaution should be used when placing the microcontroller in order to avoid noise interfering with the RF circuitry. A CC11xL Development Kit with a fully assembled CC113L Evaluation Module is available. It is strongly advised that this reference layout is followed very closely in order to get the best performance. The schematic, BOM and layout Gerber files are all available from the TI website (SWRR081 and SWRR082). Figure 6-4. Left: Top Solder Resist Mask (Negative) – Right: Top Paste Mask. Circles are Vias 74 Applications, Implementation, and Layout Copyright © 2011–2014, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: CC113L |