công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC113LRGPR.B bảng dữ liệu(PDF) 35 Page - Texas Instruments

tên linh kiện CC113LRGPR.B
Giải thích chi tiết về linh kiện  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR.B bảng dữ liệu(HTML) 35 Page - Texas Instruments

Back Button CC113LRGPR.B Datasheet HTML 31Page - Texas Instruments CC113LRGPR.B Datasheet HTML 32Page - Texas Instruments CC113LRGPR.B Datasheet HTML 33Page - Texas Instruments CC113LRGPR.B Datasheet HTML 34Page - Texas Instruments CC113LRGPR.B Datasheet HTML 35Page - Texas Instruments CC113LRGPR.B Datasheet HTML 36Page - Texas Instruments CC113LRGPR.B Datasheet HTML 37Page - Texas Instruments CC113LRGPR.B Datasheet HTML 38Page - Texas Instruments CC113LRGPR.B Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 87 page
background image
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
If the threshold is set high, that is, only strong signals are wanted, the threshold should be adjusted
upwards by first reducing the MAX_LNA_GAIN value and then the MAX_DVGA_GAIN value. This will
reduce power consumption in the receiver front end, since the highest gain settings are avoided.
5.12.3.2 CS Relative Threshold
The relative threshold detects sudden changes in the measured signal level. This setting does not depend
on the absolute signal level and is thus useful to detect signals in environments with a time varying noise
floor. The register field AGCCTRL1.CARRIER_SENSE_REL_THR is used to enable/disable relative CS,
and to select threshold of 6 dB, 10 dB, or 14 dB RSSI change.
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
35
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com