công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC113LRGPR.B bảng dữ liệu(PDF) 41 Page - Texas Instruments

tên linh kiện CC113LRGPR.B
Giải thích chi tiết về linh kiện  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR.B bảng dữ liệu(HTML) 41 Page - Texas Instruments

Back Button CC113LRGPR.B Datasheet HTML 37Page - Texas Instruments CC113LRGPR.B Datasheet HTML 38Page - Texas Instruments CC113LRGPR.B Datasheet HTML 39Page - Texas Instruments CC113LRGPR.B Datasheet HTML 40Page - Texas Instruments CC113LRGPR.B Datasheet HTML 41Page - Texas Instruments CC113LRGPR.B Datasheet HTML 42Page - Texas Instruments CC113LRGPR.B Datasheet HTML 43Page - Texas Instruments CC113LRGPR.B Datasheet HTML 44Page - Texas Instruments CC113LRGPR.B Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 87 page
background image
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
5.14 RX FIFO
The CC113L contains a 64-byte RX FIFO for received data and the SPI interface is used to read the RX
FIFO (see Section 5.5.5 for more details). The FIFO controller will detect overflow in the RX FIFO.
When reading the RX FIFO the MCU must avoid reading it past its empty value since a RX FIFO
underflow will result in an error in the data read out of the RX FIFO.
Likewise, when reading the RX FIFO the MCU must avoid reading the RX FIFO past its empty value since
a RX FIFO underflow will result in an error in the data read out of the RX FIFO.
The chip status byte that is available on the SO pin while transferring the SPI header contains the fill
grade of the RX FIFO (R/W = 1). Section 5.5.1 contains more details on this.
The
number
of
bytes
in
the
RX
FIFO
can
also
be
read
from
the
status
register
RXBYTES.NUM_RXBYTES. If a received data byte is written to the RX FIFO at the exact same time as
the last byte in the RX FIFO is read over the SPI interface, the RX FIFO pointer is not properly updated
and the last read byte will be duplicated. To avoid this problem, the RX FIFO should never be emptied
before the last byte of the packet is received.
For packet lengths less than 64 bytes it is recommended to wait until the complete packet has been
received before reading it out of the RX FIFO.
If the packet length is larger than 64 bytes, the MCU must determine how many bytes can be read from
the RX FIFO (RXBYTES.NUM_RXBYTES-1). The following software routine can be used:
1. Read RXBYTES.NUM_RXBYTES repeatedly at a rate specified to be at least twice that of which RF
bytes are received until the same value is returned twice; store value in n.
2. If n < # of bytes remaining in packet, read n-1 bytes from the RX FIFO.
3. Repeat steps 1 and 2 until n = number of bytes remaining in packet.
4. Read the remaining bytes from the RX FIFO.
The 4-bit FIFOTHR.FIFO_THR setting is used to program threshold points in the FIFOs.
Table 5-14 lists the 16 FIFO_THR settings and the corresponding thresholds for the RX FIFO.
Table 5-14. FIFO_THR Settings and the Corresponding
FIFO Thresholds
FIFO_THR
Bytes in RX FIFO
0 (0000)
4
1 (0001)
8
2 (0010)
12
3 (0011)
16
4 (0100)
20
5 (0101)
24
6 (0110)
28
7 (0111)
32
8 (1000)
36
9 (1001)
40
10 (1010)
44
11 (1011)
48
12 (1100)
52
13 (1101)
56
14 (1110)
60
15 (1111)
64
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
41
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com