| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CC113LRGPR.B bảng dữ liệu(PDF) 33 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC113LRGPR.B bảng dữ liệu(HTML) 33 Page - Texas Instruments |
|
33 / 87 page ![]() ±120 ±110 ±100 ±90 ±80 ±70 ±60 ±50 ±40 ±30 ±20 ±10 0 ±120±110±100 ±90 ±80 ±70 ±60 ±50 ±40 ±30 ±20 ±10 0 Input Power (dBm) 1.2 kBaud 38.4 kBaud 250 kBaud 500 kBaud C012 ±120 ±110 ±100 ±90 ±80 ±70 ±60 ±50 ±40 ±30 ±20 ±10 0 ±120±110±100 ±90 ±80 ±70 ±60 ±50 ±40 ±30 ±20 ±10 0 Input Power (dBm) 1.2 kBaud 38.4 kBaud 250 kBaud 500 kBaud C011 CC113L www.ti.com SWRS108B – MAY 2011 – REVISED JUNE 2014 The RSSI value read from the RSSI status register is a 2s complement number. The following procedure can be used to convert the RSSI reading to an absolute power level (RSSI_dBm). 1. Read the RSSI status register 2. Convert the reading from a hexadecimal number to a decimal number (RSSI_dec) 3. If RSSI_dec ≥ 128 then RSSI_dBm = (RSSI_dec - 256)/2 – RSSI_offset 4. Else if RSSI_dec < 128 then RSSI_dBm = (RSSI_dec)/2 – RSSI_offset Table 5-9 gives typical values for the RSSI_offset. Figure 5-9 and Figure 5-10 show typical plots of RSSI readings as a function of input power level for different data rates. Table 5-9. Typical RSSI_offset Values Data rate [kBaud] RSSI_offset [dB], 433 MHz RSSI_offset [dB], 868 MHz 1.2 74 74 38.4 74 74 250 74 74 500 74 74 spacer Figure 5-10. Typical RSSI Value Versus Input Power Level for Figure 5-9. Typical RSSI Value Versus Input Power Level for Different Data Rates at 868 MHz Different Data Rates at 433 MHz 5.12.3 Carrier Sense (CS) Carrier sense (CS) is used as a sync word qualifier and can be asserted based on two conditions which can be individually adjusted: • CS is asserted when the RSSI is above a programmable absolute threshold, and deasserted when RSSI is below the same threshold (with hysteresis). See more in Section 5.12.3.1. • CS is asserted when the RSSI has increased with a programmable number of dB from one RSSI sample to the next, and de-asserted when RSSI has decreased with the same number of dB. This setting is not dependent on the absolute signal level and is thus useful to detect signals in environments with time varying noise floor. See more in Section 5.12.3.2. Carrier sense can be used as a sync word qualifier that requires the signal level to be higher than the threshold for a sync word search to be performed and is set by setting MDMCFG2. The carrier sense signal can be observed on one of the GDO pins by setting IOCFGx.GDOx_CFG=14 and in the status register bit PKTSTATUS.CS. Copyright © 2011–2014, Texas Instruments Incorporated Detailed Description 33 Submit Documentation Feedback Product Folder Links: CC113L |