công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8F27E64KB bảng dữ liệu(PDF) 35 Page - SONiX Technology Company

tên linh kiện SN8F27E64KB
Giải thích chi tiết về linh kiện  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB bảng dữ liệu(HTML) 35 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 31Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 32Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 33Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 34Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 35Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 36Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 37Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 38Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 39Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 35
Version 1.4
2.2.6 X REGISTERS
X register is an 8-bit buffer and only general working register purpose.
Can be used as general working registers
085H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
X
XBIT7
XBIT6
XBIT5
XBIT4
XBIT3
XBIT2
XBIT1
XBIT0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
-
-
-
-
-
-
-
-
2.2.7 Y, Z REGISTERS
The Y and Z registers are the 8-bit buffers. There are three major functions of these registers.
Can be used as general working registers
Can be used as RAM data pointers with @YZ register
Can be used as ROM data pointer with the MOVC instruction for look-up table
084H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Y
YBIT7
YBIT6
YBIT5
YBIT4
YBIT3
YBIT2
YBIT1
YBIT0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
-
-
-
-
-
-
-
-
083H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Z
ZBIT7
ZBIT6
ZBIT5
ZBIT4
ZBIT3
ZBIT2
ZBIT1
ZBIT0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
-
-
-
-
-
-
-
-
Example:
Uses Y, Z register as the data pointer to access data in the RAM address 025H of bank0.
B0MOV
Y, #00H
; To set RAM bank 0 for Y register
B0MOV
Z, #25H
; To set location 25H for Z register
B0MOV
A, @YZ
; To read a data into ACC
Example:
Uses the Y, Z register as data pointer to clear the RAM data.
B0MOV
Y, #0
; Y = 0, bank 0
B0MOV
Z, #07FH
; Z = 7FH, the last address of the data memory area
CLR_YZ_BUF:
CLR
@YZ
; Clear @YZ to be zero
DECMS
Z
; Z
– 1, if Z= 0, finish the routine
JMP
CLR_YZ_BUF
; Not zero
CLR
@YZ
END_CLR:
; End of clear general purpose data memory area of bank 0
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More