công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8F27E64KB bảng dữ liệu(PDF) 22 Page - SONiX Technology Company

tên linh kiện SN8F27E64KB
Giải thích chi tiết về linh kiện  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB bảng dữ liệu(HTML) 22 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 18Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 19Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 20Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 21Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 22Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 23Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 24Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 25Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 26Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 22
Version 1.4
2.1.4 JUMP TABLE DESCRIPTION
The jump table operation is one of multi-address jumping function. Add low-byte program counter (PCL) and ACC
value to get one new PCL. If PCL is overflow after PCL+ACC, PCH adds one automatically. The new program counter
(PC) points to a series jump instructions as a listing table. It is easy to make a multi-jump program depends on the
value of the accumulator (A).
Note: PCH only support PC up counting result and doesn
’t support PC down counting. When PCL is
carry after PCL+ACC, PCH adds one automatically. If PCL borrow after PCL
–ACC, PCH keeps value and
not change.
Example: Jump table.
ORG
0X0100
; The jump table is from the head of the ROM boundary
B0ADD
PCL, A
; PCL = PCL + ACC, PCH + 1 when PCL overflow occurs.
JMP
A0POINT
; ACC = 0, jump to A0POINT
JMP
A1POINT
; ACC = 1, jump to A1POINT
JMP
A2POINT
; ACC = 2, jump to A2POINT
JMP
A3POINT
; ACC = 3, jump to A3POINT
SONIX provides a macro for safe jump table function. This macro will check the ROM boundary and move the jump
table to the right position automatically. The side effect of this macro maybe wastes some ROM size.
Example: If “jump table” crosses over ROM boundary will cause errors.
@JMP_A
MACRO
VAL
IF
(($+1) !& 0XFF00) !!= (($+(VAL)) !& 0XFF00)
JMP
($ | 0XFF)
ORG
($ | 0XFF)
ENDIF
ADD
PCL, A
ENDM
Note:
“VAL” is the number of the jump table listing number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More