công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8F27E64KB bảng dữ liệu(PDF) 86 Page - SONiX Technology Company

tên linh kiện SN8F27E64KB
Giải thích chi tiết về linh kiện  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB bảng dữ liệu(HTML) 86 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 82Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 83Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 84Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 85Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 86Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 87Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 88Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 89Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 90Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 86
Version 1.4
8
8
8 TIMERS
8.1 WATCHDOG TIMER
The watchdog timer (WDT) is a binary up counter designed for monitoring program execution. If the program goes into
the unknown status by noise interference, watchdog timer overflow signal raises and resets MCU. Watchdog timer
clock source is internal low-speed oscillator 16KHz RC type and through programmable pre-scaler controlled by
WDT_CLK code option.
Watchdog timer interval time = 256 * 1/ (Internal Low-Speed oscillator frequency/WDT Pre-scalar)
…sec
= 256 / (16KHz/WDT Pre-scaler)
…sec
Internal low-speed oscillator
WDT pre-scaler
Watchdog interval time
Flosc=16KHz
Flosc/4
256/(16000/4)=64ms
Flosc/8
256/(16000/8)=128ms
Flosc/16
256/(16000/16)=256ms
Flosc/32
256/(16000/32)=512ms
The watchdog timer has three operating options controlled
“WatchDog” code option.
Disable: Disable watchdog timer function.
Enable: Enable watchdog timer function. Watchdog timer actives in normal mode and slow mode. In power down
mode and green mode, the watchdog timer stops.
Always_On: Enable watchdog timer function. The watchdog timer actives and not stop in power down mode and
green mode.
Note: In high noisy environment, the
“Always_On” option of watchdog operations is the strongly
recommendation to make the system reset under error situations and re-start again.
Watchdog clear is controlled by WDTR register. Moving 0x5A data into WDTR is to reset watchdog timer.
096H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WDTR
WDTR7
WDTR6
WDTR5
WDTR4
WDTR3
WDTR2
WDTR1
WDTR0
Read/Write
W
W
W
W
W
W
W
W
After reset
0
0
0
0
0
0
0
0
Example: An operation of watchdog timer is as following. To clear the watchdog timer counter in the top of the
main routine of the program.
Main:
MOV
A, #5AH
; Clear the watchdog timer.
B0MOV
WDTR, A
…
CALL
SUB1
CALL
SUB2
…
JMP
MAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com