công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8F27E64KB bảng dữ liệu(PDF) 70 Page - SONiX Technology Company

tên linh kiện SN8F27E64KB
Giải thích chi tiết về linh kiện  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB bảng dữ liệu(HTML) 70 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 66Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 67Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 68Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 69Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 70Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 71Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 72Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 73Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 74Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 70
Version 1.4
6.7 T0 INTERRUPT OPERATION
When the T0C counter occurs overflow, the T0IRQ will be set to
“1” however the T0IEN is enable or disable. If the
T0IEN = 1, the trigger event will make the T0IRQ to be
“1” and the system enter interrupt vector. If the T0IEN = 0, the
trigger event will make the T0IRQ to be
“1” but the system will not enter interrupt vector. Users need to care for the
operation under multi-interrupt situation.
Example: T0 interrupt request setup.
B0BCLR
FT0IEN
; Disable T0 interrupt service
B0BCLR
FT0ENB
; Disable T0 timer
MOV
A, #20H
;
B0MOV
T0M, A
; Set T0 clock = Fcpu / 64
MOV
A, #74H
; Set T0C initial value = 74H
B0MOV
T0C, A
; Set T0 interval = 10 ms
B0BSET
FT0IEN
; Enable T0 interrupt service
B0BCLR
FT0IRQ
; Clear T0 interrupt request flag
B0BSET
FT0ENB
; Enable T0 timer
B0BSET
FGIE
; Enable GIE
Example: T0 interrupt service routine.
ORG
0BH
; Interrupt vector
JMP
INT_SERVICE
INT_SERVICE:
…
; Push routine to save ACC and PFLAG to buffers.
B0BTS1
FT0IRQ
; Check T0IRQ
JMP
EXIT_INT
; T0IRQ = 0, exit interrupt vector
B0BCLR
FT0IRQ
; Reset T0IRQ
MOV
A, #74H
B0MOV
T0C, A
; Reset T0C.
…
; T0 interrupt service routine
…
EXIT_INT:
…
; Pop routine to load ACC and PFLAG from buffers.
RETI
; Exit interrupt vector
Note: In RTC mode,
don’t reset T0C in interrupt service routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com