công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8F27E64KB bảng dữ liệu(PDF) 25 Page - SONiX Technology Company

tên linh kiện SN8F27E64KB
Giải thích chi tiết về linh kiện  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB bảng dữ liệu(HTML) 25 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 21Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 22Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 23Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 24Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 25Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 26Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 27Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 28Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 29Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 25
Version 1.4
2.2 DATA MEMORY (RAM)
512 X 8-bit RAM
Bank
Address
RAM Location
Comment
Bank 0
000H
General purpose area
RAM Bank 0
...
...
07FH
080H
System Register
...
0FFH
End of Bank 0
Bank 1
100H
General purpose area
RAM Bank 1
…
…
1FFH
End of Bank 1
Bank 2
200H
General purpose area
RAM Bank 2
…
…
27FH
End of Bank 2
The 512-byte general purpose RAM is separated into Bank0, Bank1 and Bank2. Accessing the three banks
’ RAM is
controlled by
“RBANK” register. When RBANK = 0, the program controls Bank 0 RAM directly. When RBANK = 1, the
program controls Bank 1 RAM directly. When RBANK = 2, the program controls Bank 2 RAM directly. Under one bank
condition and need to access the other bank RAM, setup the RBANK register is necessary. When interrupt occurs,
RBANK register is saved, and RAM bank is still last condition. User can select RAM bank through setup RBANK
register during processing interrupt service routine. When RETI is executed to leave interrupt operation, RBANK
register is reloaded, and RAN bank returns to last condition. Sonix provides
“Bank 0” type instructions (e.g. b0mov,
b0add, b0bts1, b0bset
…) to control Bank 0 RAM in non-zero RAM bank condition directly.
Example: Access Bank 0 RAM in Bank 1 condition. Move Bank 0 RAM (WK00) value to Bank 1 RAM
(WK01).
; Bank 1 (RBANK = 1)
B0MOV
A, WK00
; Use Bank 0 type instruction to access Bank 0 RAM.
MOV
WK01,A
Note:
1.
For multi-bank RAM program, it is not easy to control RAM Bank selection. Users have to take care
the RBANK condition very carefully, especially for interrupt service routine. The system
won’t save
the RBANK and switch RAM bank to Bank 0, so these controls must be through program. It is a
good to use Bank 0 type instruction to process the situations.
2.
The 190H, 191H of RAM address doesn
’t support directly addressing mode to access RAM but
support indirectly addressing mode @HL/@YZ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com