công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8F27E64KB bảng dữ liệu(PDF) 69 Page - SONiX Technology Company

tên linh kiện SN8F27E64KB
Giải thích chi tiết về linh kiện  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB bảng dữ liệu(HTML) 69 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 65Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 66Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 67Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 68Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 69Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 70Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 71Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 72Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 73Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 69
Version 1.4
6.6 EXTERNAL INTERRUPT OPERATION (INT0~INT1)
Sonix provides 2 sets external interrupt sources in the micro-controller. INT0 and INT1 are external interrupt trigger
sources and build in edge trigger configuration function. When the external edge trigger occurs, the external interrupt
request flag will be set to
“1” when the external interrupt control bit enabled. If the external interrupt control bit is
disabled, the external interrupt request flag won
’t active when external edge trigger occurrence. When external
interrupt control bit is enabled and external interrupt edge trigger is occurring, the program counter will jump to the
interrupt vector (ORG 0x0009, 0x000A) and execute interrupt service routine.
The external interrupt builds in wake-up latch function. That means when the system is triggered wake-up from power
down mode, the wake-up source is external interrupt source (P0.0 or P0.1), and the trigger edge direction matches
interrupt edge configuration, the trigger edge will be latched, and the system executes interrupt service routine fist after
wake-up.
09FH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PEDGE
-
-
-
-
P01G1
P01G0
P00G1
P00G0
Read/Write
-
-
-
-
R/W
R/W
R/W
R/W
After reset
-
-
-
-
1
0
1
0
Bit[3:2]
P01G[1:0]: INT1 edge trigger select bits.
00 = reserved,
01 = rising edge,
10 = falling edge,
11 = rising/falling bi-direction.
Bit[1:0]
P00G[1:0]: INT0 edge trigger select bits.
00 = reserved,
01 = rising edge,
10 = falling edge,
11 = rising/falling bi-direction.
Example: Setup INT0 interrupt request and bi-direction edge trigger.
MOV
A, #03H
B0MOV
PEDGE, A
; Set INT0 interrupt trigger as bi-direction edge.
B0BSET
FP00IEN
; Enable INT0 interrupt service
B0BCLR
FP00IRQ
; Clear INT0 interrupt request flag
B0BSET
FGIE
; Enable GIE
Example: INT0 interrupt service routine.
ORG
9
; Interrupt vector
JMP
INT_SERVICE
INT_SERVICE:
…
; Push routine to save ACC and PFLAG to buffers.
B0BTS1
FP00IRQ
; Check P00IRQ
JMP
EXIT_INT
; P00IRQ = 0, exit interrupt vector
B0BCLR
FP00IRQ
; Reset P00IRQ
…
; INT0 interrupt service routine
EXIT_INT:
…
; Pop routine to load ACC and PFLAG from buffers.
RETI
; Exit interrupt vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com