công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8F27E64KB bảng dữ liệu(PDF) 55 Page - SONiX Technology Company

tên linh kiện SN8F27E64KB
Giải thích chi tiết về linh kiện  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB bảng dữ liệu(HTML) 55 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 51Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 52Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 53Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 54Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 55Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 56Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 57Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 58Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 59Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 55
Version 1.4
4.7 SYSTEM CLOCK MEASUREMENT
Under design period, the users can measure system clock speed by software instruction cycle (Fcpu). This way is
useful in RC mode.
Example: Fcpu instruction cycle of external oscillator.
B0BSET
P0M.0
; Set P0.0 to be output mode for outputting Fcpu toggle signal.
@@:
B0BSET
P0.0
; Output Fcpu toggle signal in low-speed clock mode.
B0BCLR
P0.0
; Measure the Fcpu frequency by oscilloscope.
JMP
@B
Note: Do not measure the RC frequency directly from XIN; the probe impendence will affect the RC
frequency.
4.8 SYSTEM CLOCK TIMING
Parameter
Symbol
Description
Typical
Hardware configuration time
Tcfg
2048*FILRC
128ms @ FILRC = 16KHz
Oscillator start up time
Tost
The start-
up time is depended on oscillator’s material,
factory and architecture. Normally, the low-speed
oscil
lator’s start-up time is lower than high-speed
oscillator. The RC type oscillator’s start-up time is faster
than crystal type oscillator.
-
Oscillator warm-up time
Tosp
Oscillator warm-up time of reset condition.
2048*Fhosc
(Power on reset, LVD reset, watchdog reset, external
reset pin active.)
64ms @ Fhosc = 32KHz
512us @ Fhosc = 4MHz
128us @ Fhosc = 16MHz
Oscillator warm-up time of power down mode wake-up
condition.
2048*Fhosc ……Crystal/resonator type oscillator, e.g.
32768Hz crystal, 4MHz crystal, 16MHz crystal
…
32*Fhosc……RC type oscillator, e.g. external RC type
oscillator, internal high-speed RC type oscillator.
X
’tal:
64ms @ Fhosc = 32KHz
512us @ Fhosc = 4MHz
128us @ Fhosc = 16MHz
RC:
8us @ Fhosc = 4MHz
2us @ Fhosc = 16MHz
Power On Reset Timing
Vdd
Power On Reset
Flag
Oscillator
Fcpu
(Instruction Cycle)
Tcfg
Tost
Tosp
Vp
External Reset Pin Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com