công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8F27E64KB bảng dữ liệu(PDF) 30 Page - SONiX Technology Company

tên linh kiện SN8F27E64KB
Giải thích chi tiết về linh kiện  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB bảng dữ liệu(HTML) 30 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 26Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 27Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 28Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 29Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 30Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 31Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 32Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 33Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 34Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 30
Version 1.4
2.2.3 PROGRAM FLAG
The PFLAG register contains the arithmetic status of ALU operation, system reset status and LVD detecting status.
POR, WDT, and RST bits indicate system reset status including power on reset, LVD reset, reset by external pin active
and watchdog reset. C, DC, Z bits indicate the result status of ALU operation. LVD24, LVD33 bits indicate LVD
detecting power voltage status.
086H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PFLAG
POR
WDT
RST
STKOV
-
C
DC
Z
Read/Write
R
R
R
R
-
R/W
R/W
R/W
After Reset
-
-
-
-
-
0
0
0
Bit 7
POR: Power on reset and LVD brown-out reset indicator.
0 = Non-active.
1 = Reset active. LVD announces reset flag.
Bit 6
WDT: Watchdog reset indicator.
0 = Non-active.
1 = Reset active. Watchdog announces reset flag.
Bit 5
RST: External reset indicator.
0 = Non-active.
1 = Reset active. External reset announces reset flag.
Bit 4
STKOV: Stack overflow indicator.
0 = Non-overflow.
1 = Stack overflow.
Bit 2
C: Carry flag
1 = Addition with carry, subtraction without borrowing,
rotation with shifting out logic “1”, comparison
result
≥ 0.
0 = Addition without carry, subtraction with borrowing signal,
rotation with shifting out logic “0”, comparison
result < 0.
Bit 1
DC: Decimal carry flag
1 = Addition with carry from low nibble, subtraction without borrow from high nibble.
0 = Addition without carry from low nibble, subtraction with borrow from high nibble.
Bit 0
Z: Zero flag
1 = The result of an arithmetic/logic/branch operation is zero.
0 = The result of an arithmetic/logic/branch operation is not zero.
0EFH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STKP
GIE
LVD24
LVD33
-
-
STKPB2
STKPB1
STKPB0
Read/Write
R/W
R
R
-
-
R/W
R/W
R/W
After Reset
0
-
-
-
-
1
1
1
Bit 6
LVD24: LVD24 low voltage detect indicator.
0 = Vdd > LVD24 detect level.
1 = Vdd < LVD24 detect level.
Bit 5
LVD33: LVD33 low voltage detect indicator.
0 = Vdd > LVD33 detect level.
1 = Vdd < LVD33 detect level.
Note: Refer to instruction set table for detailed information of C, DC and Z flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com