công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8F27E64KB bảng dữ liệu(PDF) 85 Page - SONiX Technology Company

tên linh kiện SN8F27E64KB
Giải thích chi tiết về linh kiện  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB bảng dữ liệu(HTML) 85 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 81Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 82Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 83Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 84Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 85Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 86Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 87Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 88Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 89Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 85
Version 1.4
7.6 OPEN-DRAIN REGISTER
P0.2, P0.3, P1.0~P1.7 built in open-drain function. These pins must be set as output mode when enable open-drain
function. Open-drain external circuit is as following.
U
MCU2
U
V CC
Open-drain pin
Open-drain pin
MCU1
P ul l -up Re si stor
The pull-up resistor is necessary. Open-drain output high is driven by pull-up resistor. Output low is sunken by MCU
’s
pin.
09CH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P0OC
-
-
-
-
-
-
P03OC
P02OC
Read/Write
-
-
-
-
-
-
R/W
R/W
After reset
-
-
-
-
-
-
0
0
Bit [1:0]
P02OC, P03OC: P0.2, P0.3 open-drain control bit
0 = Disable open-drain mode
1 = Enable open-drain mode
09DH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1OC
P17OC
P16OC
P15OC
P14OC
P13OC
P12OC
P11OC
P10OC
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
0
0
0
0
0
0
0
0
Bit [7:0]
P10OC~P17OC: P1.0~P1.7 open-drain control bit
0 = Disable open-drain mode
1 = Enable open-drain mode
Example: Enable P1.0 to open-drain mode and output high.
B0BSET
P1.0
; Set P1.0 buffer high.
B0BSET
P10M
; Enable P1.0 output mode.
B0BSET
P10OC
; Enable P1.0 open-drain function.
Example: Disable open-drain mode.
B0BCLR
P10OC
; Disable P1.0 open-drain function.
Note: After disable open-drain function, I/O mode returns to last I/O mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com