công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8F27E64KB bảng dữ liệu(PDF) 65 Page - SONiX Technology Company

tên linh kiện SN8F27E64KB
Giải thích chi tiết về linh kiện  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB bảng dữ liệu(HTML) 65 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 61Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 62Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 63Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 64Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 65Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 66Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 67Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 68Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 69Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 65
Version 1.4
6
6
6 INTERRUPT
6.1 OVERVIEW
This MCU provides 13 interrupt sources, including 2 external interrupt (INT0/INT1) and 11 internal interrupt
(T0/T1/TC0/TC1/TC2/SIO/MSP/UTX/URX/WAKE/ADC). The external interrupt can wakeup the chip while the system is
switched from power down mode to high-speed normal mode, and interrupt request is latched until return to normal
mode
. Once interrupt service is executed, the GIE bit in STKP register will clear to “0” for stopping other interrupt
request. On the contrast, when interrupt service exits, the GI
E bit will set to “1” to accept the next interrupts’ request.
The interrupt request signals are stored in INTRQ register.
INTEN Interrupt Enable Register
Interrupt
Enable
Gating
INTRQ
13-Bit
Latchs
P00IRQ
P01IRQ
T0IRQ
Interrupt Vector Address
(0008H~0014H)
Global Interrupt Request Signal
INT0 Trigger
T1 Time Out
TC1 Time Out
TC2 Time Out
T1IRQ
INT1 Trigger
T0 Time Out
SIO Transmitter End
UART Transmit End
UART Receive End
TC1IRQ
TC2IRQ
SIOIRQ
UTXIRQ
URXIRQ
TC0 Time Out
TC0IRQ
MSP
WAKE
MSPIRQ
WAKEIRQ
ADC Converting End
ADCIRQ
Note: The GIE bit must enable during all interrupt operation.
6.2 INTERRUPT OPERATION
Interrupt operation is controlled by IRQ and IEN bits. The IRQ is interrupt source event indicator, no matter what
interrupt function status (enable or disable). The IEN control the system interrupt execution. If IEN = 0, the system
won’t jump to interrupt vector to execute interrupt routine. If IEN = 1, the system executes interrupt operation when
each of interrupt IRQ flags actives.
IEN = 1 and IRQ = 1, the program counter points to interrupt vector and execute interrupt service routine.
When any interrupt requests occurs, the system provides to jump to interrupt vector and execute interrupt routine. The
first procedure is “PUSH” operation. The end procedure after interrupt service routine execution is “POP” operation.
The “PUSH” and “POP” operations aren’t through instruction (PUSH, POP) and executed by hardware automatically.
“PUSH” operation: PUSH operation saves the contents of ACC and working registers (0x80~0x8F) into
hardware buffers. PUSH operation executes before program counter points to interrupt vector. The RAM
bank keeps the status of main routine and doesn’t switch to bank 0 automatically. The RAM bank is
selected by program.
“POP” operation: POP operation reloads the contents of ACC and working registers (0x80~0x8F) from
hardware buffers. POP operation executes as RETI instruction executed. The RAM bank switches to last
status of main routine after reloading RBANK content.
0x80~0x87 working registers include L, H, R, Z, Y, X, PFLAG, RBANK, W0~W7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com