công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8F27E64KB bảng dữ liệu(PDF) 74 Page - SONiX Technology Company

tên linh kiện SN8F27E64KB
Giải thích chi tiết về linh kiện  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB bảng dữ liệu(HTML) 74 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 70Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 71Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 72Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 73Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 74Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 75Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 76Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 77Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 78Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 74
Version 1.4
6.11 T1 INTERRUPT OPERATION
When the T1C (T1CH, T1CL) counter occurs overflow, the T1
IRQ will be set to “1” however the T1IEN is enable or
disable. If the T1IEN = 1, the trigger event will make the T1
IRQ to be “1” and the system enter interrupt vector. If the
T1IEN = 0, the trigger event will make the T1
IRQ to be “1” but the system will not enter interrupt vector. Users need to
care for the operation under multi-interrupt situation.
Example: T1 interrupt request setup.
B0BCLR
FT1IEN
; Disable T1 interrupt service
B0BCLR
FT1ENB
; Disable T1 timer
MOV
A, #20H
;
B0MOV
T1M, A
; Set T1 clock = Fcpu / 32 and falling edge trigger.
CLR
T1CH
CLR
T1CL
B0BSET
FT1IEN
; Enable T1 interrupt service
B0BCLR
FT1IRQ
; Clear T1 interrupt request flag
B0BSET
FT1ENB
; Enable T1 timer
B0BSET
FGIE
; Enable GIE
Example: T1 interrupt service routine.
ORG
0FH
; Interrupt vector
JMP
INT_SERVICE
INT_SERVICE:
B0BTS1
FT1IRQ
; Check T1IRQ
JMP
EXIT_INT
; T1IRQ = 0, exit interrupt vector
B0BCLR
FT1IRQ
; Reset T1IRQ
B0MOV
A, T1CH
B0MOV
T1CHBUF, A
B0MOV
A, T1CL
B0MOV
T1CLBUF, A
; Save pulse width.
CLR
T1CH
CLR
T1CL
…
; T1 interrupt service routine
…
EXIT_INT:
RETI
; Exit interrupt vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com