| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM7344 bảng dữ liệu(PDF) 148 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7344 bảng dữ liệu(HTML) 148 Page - PMC-Sierra, Inc |
|
148 / 293 page ![]() PM7344 S/UNI-MPH DATA SHEET PMC-950449 ISSUE 6 MULTI-PHY USER NETWORK INTERFACE PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 132 EOM: The EOM bit indicates that the last byte of data written in the Transmit Data register is the end of the present data packet. If the CRC bit is set then the 16-bit FCS word is appended to the last data byte transmitted and a continuous stream of flags is generated. The EOM bit is automatically cleared before transmission of the next data packet begins. |