công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M420000071 bảng dữ liệu(PDF) 14 Page - SPANSION

tên linh kiện M420000071
Giải thích chi tiết về linh kiện  CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory, and 8 Mbit (512 K x 16-Bit) SRAM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

M420000071 bảng dữ liệu(HTML) 14 Page - SPANSION

Back Button M420000071 Datasheet HTML 10Page - SPANSION M420000071 Datasheet HTML 11Page - SPANSION M420000071 Datasheet HTML 12Page - SPANSION M420000071 Datasheet HTML 13Page - SPANSION M420000071 Datasheet HTML 14Page - SPANSION M420000071 Datasheet HTML 15Page - SPANSION M420000071 Datasheet HTML 16Page - SPANSION M420000071 Datasheet HTML 17Page - SPANSION M420000071 Datasheet HTML 18Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 90 page
background image
12
Am42BDS6408H
October 23, 2003
A D VA NCE
I N FO RM ATIO N
DEVICE BUS OPERATIONS
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register
itself does not occupy any addressable memory loca-
tion. The register is composed of latches that store the
commands, along with the address and data informa-
tion needed to execute the command. The contents of
the register serve as inputs to the internal state
machine. The state machine outputs dictate the func-
tion of the device. Table 1 lists the device bus opera-
tions, the inputs and control levels they require, and the
resulting output. The following subsections describe
each of these operations in further detail.
Table 1.
Device Bus Operations
Legend: L = Logic 0, H = Logic 1, X = Don’t Care, S = Stable Logic 0 or 1 but no transitions.
Note: Default active edge of CLK is the rising edge.
VersatileIO™ (VIO) Control
The VersatileIOTM (VIO) control allows the host system
to set the voltage levels that the device generates at its
data outputs and the voltages tolerated at its data
inputs to the same voltage level that is asserted on the
VIO pin.
Requirements for Asynchronous Read
Operation (Non-Burst)
To read data from the memory array, the system must
first assert a valid address on A21–A0, while driving
AVD# and CE# to VIL. WE# should remain at VIH. The
rising edge of AVD# latches the address. The data will
appear on DQ15–DQ0. Since the memory array is
divided into four banks, each bank remains enabled for
read access until the command register contents are
altered.
Address access time (tACC) is equal to the delay from
stable addresses to valid output data. The chip enable
access time (tCE) is the delay from the stable
addresses and stable CE# to valid data at the outputs.
The output enable access time (tOE) is the delay from
the falling edge of OE# to valid data at the output.
The internal state machine is set for reading array data
in asynchronous mode upon device power-up, or after
a hardware reset. This ensures that no spurious alter-
ation of the memory content occurs during the power
transition.
Requirements for Synchronous (Burst)
Read Operation
The device is capable of continuous sequential burst
operation and linear burst operation of a preset length.
Operation
CE#
OE#
WE#
A21–0
DQ15–0
RESET#
CLK
(See
Note)
AVD#
Asynchronous Read - Addresses Latched
L
L
H
Addr In
I/O
H
X
Asynchronous Read - Addresses Steady State
L
L
H
Addr In
I/O
H
X
L
Asynchronous Write
L
H
L
Addr In
I/O
H
X
L
Synchronous Write
L
H
L
Addr In
I/O
H
Standby (CE#)
H
X
X
HIGH Z
HIGH Z
H
X
X
Hardware Reset
X
X
X
HIGH Z
HIGH Z
L
X
X
Burst Read Operations
Load Starting Burst Address
L
X
H
Addr In
X
H
Advance Burst to next address with appropriate
Data presented on the Data Bus
LL
H
HIGH Z
Burst
Data Out
HH
Terminate current Burst read cycle
H
X
H
HIGH Z
HIGH Z
H
X
Terminate current Burst read cycle via RESET#
X
X
H
HIGH Z
HIGH Z
L
X
X
Terminate current Burst read cycle and start
new Burst read cycle
L
X
H
HIGH Z
I/O
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com