công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M420000071 bảng dữ liệu(PDF) 43 Page - SPANSION

tên linh kiện M420000071
Giải thích chi tiết về linh kiện  CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory, and 8 Mbit (512 K x 16-Bit) SRAM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

M420000071 bảng dữ liệu(HTML) 43 Page - SPANSION

Back Button M420000071 Datasheet HTML 39Page - SPANSION M420000071 Datasheet HTML 40Page - SPANSION M420000071 Datasheet HTML 41Page - SPANSION M420000071 Datasheet HTML 42Page - SPANSION M420000071 Datasheet HTML 43Page - SPANSION M420000071 Datasheet HTML 44Page - SPANSION M420000071 Datasheet HTML 45Page - SPANSION M420000071 Datasheet HTML 46Page - SPANSION M420000071 Datasheet HTML 47Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 90 page
background image
October 23, 2003
Am42BDS6408H
41
A D VA NCE
I N FO RM ATIO N
Legend:
X = Don’t care
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed. Addresses
latch on the rising edge of the AVD# pulse or active edge of CLK which
ever comes first.
PD = Data to be programmed at location PA. Data latches on the rising
edge of WE# or CE# pulse, whichever happens first.
SA = Address of the sector to be verified (in autoselect mode) or
erased. Address bits A21–A12 uniquely select any sector.
BA = Address of the bank (A21, A20, A19) that is being switched to
autoselect mode, is in bypass mode, or is being erased.
SLA = Address of the sector to be locked. Set sector address (SA) and
either A6 = 1 for unlocked or A6 = 0 for locked.
CR = Configuration Register address bits A19–A12.
OW = Address (A7–A0) is (00011010).
PD3–PD0 = Password Data. PD3–PD0 present four 16 bit
combinations that represent the 64-bit Password
PWA = Password Address. Address bits A1 and A0 are used to select
each 16-bit portion of the 64-bit entity.
PWD = Password Data.
PL = Address (A7-A0) is (00001010)
RD(0) = DQ0 protection indicator bit. If protected, DQ0 = 1, if
unprotected, DQ0 = 0.
RD(1) = DQ1 protection indicator bit. If protected, DQ1 = 1, if
unprotected, DQ1 = 0.
SL = Address (A7-A0) is (00010010)
WD= Write Data. See “Configuration Register” definition for specific
write data
WP = Address (A7-A0) is (00000010)
Notes:
1.
See Table 1 for description of bus operations.
2.
All values are in hexadecimal.
3.
Except for the following, all bus cycles are write cycle: read cycle,
fourth through sixth cycles of the Autoselect commands, fourth
cycle of the configuration register verify and password verify
commands, and any cycle reading at RD(0) and RD(1).
4.
Data bits DQ15–DQ8 are don’t care in command sequences,
except for RD, PD, WD, PWD, and PD3-PD0.
5.
Unless otherwise noted, address bits A21–A12 are don’t cares.
6.
Writing incorrect address and data values or writing them in the
improper sequence may place the device in an unknown state.
The system must write the reset command to return the device to
reading array data.
7.
No unlock or command cycles required when bank is reading
array data.
8.
The Reset command is required to return to reading array data
(or to the erase-suspend-read mode if previously in Erase
Suspend) when a bank is in the autoselect mode, or if DQ5 goes
high (while the bank is providing status information) or performing
sector lock/unlock.
9.
The fourth cycle of the autoselect command sequence is a read
cycle. The system must provide the bank address. See the
Autoselect Command Sequence section for more information.
10. The data is 0000h for an unlocked sector and 0001h for a locked
sector
11. DQ15 - DQ8 = 0, DQ7: Factory Lock Bit (1 = Locked, 0 = Not
Locked), DQ6: Customer Lock Bit (1 = Locked, 0 = Not Locked),
DQ5: Handshake Bit (1 = Reduced wait-state Handshake, 0 =
Standard Handshake), DQ4 - DQ0 = 0
12. The Unlock Bypass command sequence is required prior to this
command sequence.
13. The Unlock Bypass Reset command is required to return to
reading array data when the bank is in the unlock bypass mode.
PPB
Command
s
PPB Program (Notes 18,
19, 21)
6
555
AA
2AA
55
555
60
(SA)
+ WP
68
(SA)
+ WP
48
XX
RD
(0)
All PPB Erase (Notes
18, 19, 22, 24)
6
555
AA
2AA
55
555
60
WP
60
WP
40
XX
RD
(0)
PPB Status (Note 25)
4
555
AA
2AA
55
(BA)
555
90
(SA)
X02
RD
(0)
PPB Lock
Bit
PPB Lock Bit Set
3
555
AA
2AA
55
555
78
PPB Lock Bit Status
(Note 19)
4
555
AA
2AA
55
(BA)
555
58
SA
RD
(1)
DYB
DYB Write
4
555
AA
2AA
55
555
48
SA
X1
DYB Erase
4
555
AA
2AA
55
555
48
SA
X0
DYB Status
4
555
AA
2AA
55
(BA)
555
58
SA
RD
(0)
Password Protection Mode Locking
Bit Program (Notes 18, 19, 21)
6
555
AA
2AA
55
555
60
PL
68
PL
48
PL
RD
(0)
Persistent Protection Mode Locking
Bit Program (Notes 18, 19, 21)
6
555
AA
2AA
55
555
60
SL
68
SL
48
SL
RD
(0)
Password Protection Mode Locking
Bit Read (Notes 18, 19, 21)
4
555
AA
2AA
55
555
60
PL
RD
(0)
Persistent Protection Mode Locking
Bit Read (Notes 18, 19, 21)
4
555
AA
2AA
55
555
60
SL
RD
(0)
Command Sequence
(Note 1)
Bus Cycles (Notes 1–6)
First
Second
Third
Fourth
Fifth
Sixth
Seventh
Addr Data Addr Data
Addr
Data
Addr
Data
Addr Data Addr Data Addr Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com