| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD77533 bảng dữ liệu(PDF) 95 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 bảng dữ liệu(HTML) 95 Page - Renesas Technology Corp |
|
95 / 104 page ![]() Data Sheet S15671EJ4V0DS 93 µµµµPD77533 } } return; } /*----------------------------------------------------------------------------- * Function * Copy response from GM to response information * * Parameter * None * * Return Value * None ---------------------------------------------------------------------------- */ static void CopyGmRes(void) { ResInfo.GmResCnt += 1; ResInfo.GmResLen = GmComm.CurrentLen[SERIAL_IN]; memcpy(ResInfo.GmResData, GmComm.BinData[SERIAL_IN], ResInfo.GmResLen); ResInfo.GmResFixed = TRUE; return; } /*----------------------------------------------------------------------------- * Function * Check response from GM * * Parameter * None * * Return Value * None ---------------------------------------------------------------------------- */ static void CheckGmRes(void) { unsigned char Flag; int Len; Len = GmComm.CurrentLen[SERIAL_IN]; Flag = GmComm.BinData[SERIAL_IN][Len-1]; if((Flag == PACKET_FLG) || (Flag == PACKET_FLG_CONT)) { if(((Len == 3) && (memcmp(GmComm.BinData[SERIAL_IN], ServerACK, sizeof(ServerACK)) == 0)) || ((Len == 4) && (memcmp(GmComm.BinData[SERIAL_IN], LocalACK, sizeof(LocalACK)) == 0))) { /* Response is ACK */ if(GmComm.AckNackWait) DiscardLastPacket(); #if 0 else Unnecessary ACK is received from GM when ACK/NACK is not being waited for #endif } else if((Len == 4) && (memcmp(GmComm.BinData[SERIAL_IN], BothNACK, sizeof(BothNACK)) == 0)) { /* Response is NACK */ if(GmComm.AckNackWait) ResendLastPacket(); |