| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD77533 bảng dữ liệu(PDF) 93 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 bảng dữ liệu(HTML) 93 Page - Renesas Technology Corp |
|
93 / 104 page ![]() Data Sheet S15671EJ4V0DS 91 µµµµPD77533 * unsigned char *Data: data to be transmitted * int Len: number of bytes of data * * Return Value * None ---------------------------------------------------------------------------- */ static void SendDataToGm(const unsigned char *Data, int Len) { /* Copy data to be transmitted to COM information */ memcpy(GmComm.BinData[SERIAL_OUT], Data, Len); GmComm.CurrentLen[SERIAL_OUT] = Len; GmComm.FixedFlag[SERIAL_OUT] = TRUE; /* This flag starts transmission */ return; } /*----------------------------------------------------------------------------- * Function * Transmit data to LS * * Parameter * unsigned char *Data: data to be transmitted * int Len: number of bytes of data * * Return Value * None ---------------------------------------------------------------------------- */ static void SendDataToLs(const unsigned char *Data, int Len) { /* Copy data to be transmitted to COM information */ memcpy(LsComm.BinData[SERIAL_OUT], Data, Len); LsComm.CurrentLen[SERIAL_OUT] = Len; LsComm.FixedFlag[SERIAL_OUT] = TRUE; /* This flag starts transmission */ return; } /*----------------------------------------------------------------------------- * Function * Thread of host CPU processor * * Parameter * None * * Return Value * None * * Note * This thread is separately processed to prevent it from being * affected by other main program processing. ---------------------------------------------------------------------------- */ static void HostCPUThreadLoop(void) { for(;;) { /* Receive data from GM and store it in GmComm */ GmSerialIn(); /* In a state other than waiting for ACK/NACK from GM, */ /* receive data from LS and store it in LsComm. */ if(GmComm.AckNackWait == FALSE) |