| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD77533 bảng dữ liệu(PDF) 72 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 bảng dữ liệu(HTML) 72 Page - Renesas Technology Corp |
|
72 / 104 page ![]() Data Sheet S15671EJ4V0DS 70 µµµµPD77533 18. HOST CPU PROCESSING WHEN POSITIONING STARTS FROM RECEIVER SIDE In system in which the host CPU and LS are directly connedcted, the host CPU must perform processing using the following procedure when positioning starts after a position trigger is executed from the GPS receiver. Figure 18-1. Host CPU Processing Procedure When Positioning Starts from Receiver Remark See 3.3 Processing Required at Startup for details of the processing performed by the host CPU when the GPS receiver is activated. PD77533 µ Host CPU LS !cb !cb Request $JM Positioning is possible after !ia is returned to the LS via a local command (!ia Request). Positioning possible $JM !cb !cb is sent to the LS via a local command (!cb Request). Positioning starts after the LS receives !cb. |