| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD77533 bảng dữ liệu(PDF) 70 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 bảng dữ liệu(HTML) 70 Page - Renesas Technology Corp |
|
70 / 104 page ![]() Data Sheet S15671EJ4V0DS 68 µµµµPD77533 17. EXTENSION COMMANDS The µPD77533 supports the following extension commands. Table 17-1. List of Extension Commands Command EXT-ID Function Flow Point Control 0x00 Sets and references flow points Processing End 0x06 Outputs the “end of all positioning” flow point 17.1 Flow Point Control [Function] Sets whether a flow point is output or not. ACK is not waited for after this command is executed. Figure 17-1. Flow Point Control Flow [Command] Table 17-2. Format of Flow Point Control Command Field Number of Bytes Form Description CMD-ID 1 − 0x7F LENGTH 1 − 3 DATA EXT-ID 1 − 0x00 Flow point 1 − 0x00: Does not output Processing End (default) 0x10: Outputs Processing End 1 − 0x00 FLAG 1 − 0x03 [Response] The value set is returned in the format shown in Table 17-2. PD77533 µ Host CPU EXT-ID = 0x00 EXT-ID = 0x00 |