| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD77533 bảng dữ liệu(PDF) 91 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 bảng dữ liệu(HTML) 91 Page - Renesas Technology Corp |
|
91 / 104 page ![]() Data Sheet S15671EJ4V0DS 89 µµµµPD77533 SendDataToGm(FccCtrlCmdRsp, sizeof(FccCtrlCmdRsp)); State = STATE_WAIT_FCC_CTRL; break; /* Wait for FCC Control response */ /* Wait for FCC Control response and proceed to next processing when received. */ case STATE_WAIT_FCC_CTRL : Len = RecvDataFromGm(Buf); if(CompareData(Buf, Len, FccCtrlCmdRsp, sizeof(FccCtrlCmdRsp)) == 0) State = STATE_SEND_FLOW_CTRL; break; /********************************************/ /* Flow Point Control command transmission state */ /********************************************/ /* Send Flow Point Control command to GM (Processing End output set to ON) */ case STATE_SEND_FLOW_CTRL : SendDataToGm(FlowPointCtrlCmdRsp, sizeof(FlowPointCtrlCmdRsp)); State = STATE_WAIT_FLOW_CTRL; break; /* Wait for Flow Point Control response */ /* Wait for Flow Point Control response and proceed to next processing when received. */ case STATE_WAIT_FLOW_CTRL : Len = RecvDataFromGm(Buf); if(CompareData(Buf, Len, FlowPointCtrlCmdRsp, sizeof(FlowPointCtrlCmdRsp)) == 0) State = STATE_INIT_DONE; break; /****************************************************/ /* GM initialization complete. Start processing such as positioning. */ /****************************************************/ case STATE_INIT_DONE : /* Perform processing after initialization, if required. */ break; } } return(0); } /*----------------------------------------------------------------------------- * Function * Compare data * * Parameter * const unsigned char *Data1: Data 1 * int Len1: Number of bytes of data 1 * const unsigned char *Data2: Data 2 * int Len2: Number of bytes of data 2 * * Return Value * int: result (0 = match) ---------------------------------------------------------------------------- */ static int CompareData(const unsigned char *Data1, int Len1, const unsigned char *Data2, int Len2) { int Sts; Sts = Len1 - Len2; if(Sts == 0) Sts = memcmp(Data1, Data2, Len1); |