| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD77533 bảng dữ liệu(PDF) 92 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 bảng dữ liệu(HTML) 92 Page - Renesas Technology Corp |
|
92 / 104 page ![]() Data Sheet S15671EJ4V0DS 90 µµµµPD77533 return(Sts); } /*----------------------------------------------------------------------------- * Function * Receive data from GM * * Parameter * unsigned char *Buf: buffer that receives data * * Return Value * int: number of bytes of data (0 = no data) ---------------------------------------------------------------------------- */ static int RecvDataFromGm(unsigned char *Buf) { int Len; Len = 0; if(ResInfo.GmResFixed) /* If there is a response */ { /* Copy to buffer */ memcpy(Buf, ResInfo.GmResData, ResInfo.GmResLen); Len = ResInfo.GmResLen; ResInfo.GmResFixed = FALSE; } return(Len); } /*----------------------------------------------------------------------------- * Function * Receive data from LS * * Parameter * unsigned char *Buf: buffer that receives data * * Return Value * int: number of bytes of data (0 = no data) ---------------------------------------------------------------------------- */ static int RecvDataFromLS(unsigned char *Buf) { int Len; Len = 0; if(ResInfo.LsResFixed) /* If there is a response */ { /* Copy to buffer */ memcpy(Buf, ResInfo.LsResData, ResInfo.LsResLen); Len = ResInfo.LsResLen; ResInfo.LsResFixed = FALSE; } return(Len); } /*----------------------------------------------------------------------------- * Function * Transmit data to GM * * Parameter |