công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMPR4925 bảng dữ liệu(PDF) 319 Page - Toshiba Semiconductor

tên linh kiện TMPR4925
Giải thích chi tiết về linh kiện  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 bảng dữ liệu(HTML) 319 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 315Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 316Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 317Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 318Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 319Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 320Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 321Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 322Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 323Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 590 page
background image
Chapter 10 PCI Controller
10-57
10.4.29 PCI Bus Arbiter Current State Register (PBACSTATE)
0xD11C
This is a diagnostic register that is only valid when using the on-chip PCI Bus Arbiter.
31
16
Reserved
: Type
: Initial value
15
13
12
0
Reserved
CPAS
R: Type
0x0000
: Initial value
Bits
Mnemonic
Field Name
Description
31:13
Reserved
12:0
CPAS
Current PCI bus
Arbiter State
Current State of the Arbiter State machine (Initial value: 0x0000, R)
Indicates the statemachine of PCI Bus Arbiter. This register is used for debug.
Figure 10.4.29 PCI Bus Arbiter Current State Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More