| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S75WS256NDFBAWMB bảng dữ liệu(PDF) 190 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S75WS256NDFBAWMB bảng dữ liệu(HTML) 190 Page - SPANSION |
|
190 / 216 page ![]() 188 S75WS256Nxx Based MCPs S75WS-N-00_A0 February 17, 2005 Ad van c e Inf o rmation tSP 33 ns Notes: 1. Non-default BCR settings: Latency code two (three clocks); Wait active Low; Wait asserted during delay. 2. Wait will assert LC + 1 or 2LC + 1 cycles for variable latency (depending upon refresh status). Figure 34.9. Continuous Burst Read Showing an Output Delay with BCR[8] = 0 for End-of-Row Condition Table 34.10 Burst Read Timing Parameters—BCR[8] = 0 Symbol 70ns/80 MHz 85ns/66 MHz Units Min Max Min Max tACLK 911 ns tCLK 12.5 15 ns tKHTL 911 ns tKOH 22 ns Table 34.8 Burst Read Timing Parameters—Burst Suspend (Continued) Symbol 70ns/80 MHz 85ns/66 MHz Units Min Max Min Max tOHZ Don't Care Legend: VIH VIL VIH VIL VIH VIL VIH VIL VIH VIL VOH VOL A[22:0] ADV# CE# LB#/UB# WAIT VIH VIL OE# WE# tCLK VIH VIL CLK (Note 2) tKHTL tKHTL VOH VOL DQ[15:0] tKOH tACLK VALID OUTPUT VALID OUTPUT VALID OUTPUT VALID OUTPUT |