| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC821 bảng dữ liệu(PDF) 103 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 bảng dữ liệu(HTML) 103 Page - NXP Semiconductors |
|
103 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE UsbVcc1PIN 2 istype 'reg,buffer'; " Usb VCC select 1 line VideoOn~PIN 39 istype 'reg,buffer'; " Video encoder enable VideoExtClkEn PIN 38 istype 'reg,buffer'; " Enable external clock gen for video encoder VideoRst~PIN 5 istype 'reg,buffer'; " Video Encoder reset ModemEn~ PIN 28 istype 'reg,buffer'; " modem tool enable for MPC823FADSDB Modem_Audio~ PIN 55 istype 'reg,buffer'; " Modem / Audio functions select " for modem tool with MPC823 d/b. "****************************************************************************** "* Board Status Pins. Read only. "****************************************************************************** "* removed to external buffers "****************************************************************************** "* Board Status Registers Chip-Selects "****************************************************************************** Bcsr2Cs~PIN 47 istype 'com'; Bcsr3Cs~PIN 48 istype 'com'; "****************************************************************************** "* Auxiliary Pins. "****************************************************************************** "****************************************************************************** "* ### * "* # # # ##### ###### ##### # # ## # #### * "* # ## # # # # # ## # # # # # * "* # # # # # ##### # # # # # # # # #### * "* # # # # # # ##### # # # ###### # # * "* # # ## # # # # # ## # # # # # * "* ### # # # ###### # # # # # # ###### #### * "****************************************************************************** "* System Hard Reset Configuration. "****************************************************************************** ERBNODE istype 'reg,buffer'; " External Arbitration IP~NODE istype 'reg,buffer'; " Interrupt Prefix in MSR BDISNODE istype 'reg,buffer'; " Boot Disable RSV2NODE istype 'reg,buffer'; " reserved config bit 2 BPS0, BPS1NODE istype 'reg,buffer'; " Boot Port Size RSV6NODE istype 'reg,buffer'; " reserved config bit 6 ISB0, Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |