công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HC05RC17GRS/D bảng dữ liệu(PDF) 68 Page - NXP Semiconductors

tên linh kiện HC05RC17GRS/D
Giải thích chi tiết về linh kiện  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D bảng dữ liệu(HTML) 68 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 64Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 65Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 66Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 67Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 68Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 69Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 70Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 71Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 128 page
background image
Core Timer
General Release Specification
MC68HC05RC17 — Rev. 2.0
Core Timer
If the COP watchdog timer is allowed to time out, an internal reset is
generated to reset the MCU.
The COP remains enabled after execution of the WAIT instruction and
all associated operations apply. If the STOP instruction is disabled,
execution of STOP instruction causes the CPU to execute a no
operation (NOP) instruction. In addition, the COP is prohibited from
being held in reset. This prevents a device lock-up condition.
This COP’s objective is to make it impossible for this device to become
stuck or locked-up and to be sure the COP is able to rescue the part from
any situation where it might entrap itself in abnormal or unintended
behavior. This function is a mask option.
8.6 Timer During Wait Mode
The CPU clock halts during wait mode, but the timer remains active. If
interrupts are enabled, a timer interrupt will cause the processor to exit
wait mode. The COP is always enabled while in user mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More