| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC05RC17GRS/D bảng dữ liệu(PDF) 31 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC17GRS/D bảng dữ liệu(HTML) 31 Page - NXP Semiconductors |
|
31 / 128 page ![]() Memory Memory Map MC68HC05RC17 — Rev. 2.0 General Release Specification Memory 2.3.3 RAM The user RAM consists of 352 bytes of a shared stack area. The RAM starts at address $0020 and ends at address $017F. The stack begins at address $00FF. The stack pointer can access 64 bytes of RAM in the range $00FF to $00C0. NOTE: Using the stack area for data storage or temporary work locations requires care to prevent it from being overwritten due to stacking from an interrupt or subroutine call. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |