| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC05RC17GRS/D bảng dữ liệu(PDF) 37 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC17GRS/D bảng dữ liệu(HTML) 37 Page - NXP Semiconductors |
|
37 / 128 page ![]() Central Processor Unit (CPU) Program Counter MC68HC05RC17 — Rev. 2.0 General Release Specification Central Processor Unit (CPU) 3.8 Program Counter The program counter (PC) is a 13-bit register that contains the address of the next byte to be fetched. NOTE: The HC05 CPU core is capable of addressing 16-bit locations. For this implementation, however, the addressing registers are limited to a 16- Kbyte memory map. 13 0 PC Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |