| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IMX8MPCEC bảng dữ liệu(PDF) 94 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX8MPCEC bảng dữ liệu(HTML) 94 Page - NXP Semiconductors |
|
94 / 111 page ![]() i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021 94 NXP Semiconductors Package information and contact assignments DRAM_DQS3_N AF1 NVCC_DRAM DDRCLK — — Input DRAM_DQS3_P AF2 NVCC_DRAM — — — Input DRAM_RESET_N T1 NVCC_DRAM DDR — — Output DRAM_VREF R2 NVCC_DRAM DDR —— — DRAM_ZN R1 NVCC_DRAM DDR — — Input EARC_AUX AH23 VDD_EARC_1P8 PHY — — Input with PD EARC_N_HPD AH22 VDD_EARC_1P8 PHY — — Output EARC_P_UTIL AJ23 VDD_EARC_1P8 PHY — — Output ECSPI1_MISO AD20 NVCC_ECSPI_HDMI GPIO ALT5 gpio5.IO[8] Input with PD ECSPI1_MOSI AC20 NVCC_ECSPI_HDMI GPIO ALT5 gpio5.IO[7] Input with PD ECSPI1_SCLK AF20 NVCC_ECSPI_HDMI GPIO ALT5 gpio5.IO[6] Input with PD ECSPI1_SS0 AE20 NVCC_ECSPI_HDMI GPIO ALT5 gpio5.IO[9] Input with PD ECSPI2_MISO AH20 NVCC_ECSPI_HDMI GPIO ALT5 gpio5.IO[12] Input with PD ECSPI2_MOSI AJ21 NVCC_ECSPI_HDMI GPIO ALT5 gpio5.IO[11] Input with PD ECSPI2_SCLK AH21 NVCC_ECSPI_HDMI GPIO ALT5 gpio5.IO[10] Input with PD ECSPI2_SS0 AJ22 NVCC_ECSPI_HDMI GPIO ALT5 gpio5.IO[13] Input with PD ENET_MDC AH28 NVCC_ENET GPIO ALT5 gpio1.IO[16] Input with PD ENET_MDIO AH29 NVCC_ENET GPIO ALT5 gpio1.IO[17] Input with PD ENET_RD0 AG29 NVCC_ENET GPIO ALT5 gpio1.IO[26] Input with PD ENET_RD1 AG28 NVCC_ENET GPIO ALT5 gpio1.IO[27] Input with PD ENET_RD2 AF29 NVCC_ENET GPIO ALT5 gpio1.IO[28] Input with PD ENET_RD3 AF28 NVCC_ENET GPIO ALT5 gpio1.IO[29] Input with PD ENET_RX_CTL AE28 NVCC_ENET GPIO ALT5 gpio1.IO[24] Input with PD ENET_RXC AE29 NVCC_ENET GPIO ALT5 gpio1.IO[25] Input with PD ENET_TD0 AC25 NVCC_ENET GPIO ALT5 gpio1.IO[21] Input with PD ENET_TD1 AE26 NVCC_ENET GPIO ALT5 gpio1.IO[20] Input with PD ENET_TD2 AF26 NVCC_ENET GPIO ALT5 gpio1.IO[19] Input with PD ENET_TD3 AD24 NVCC_ENET GPIO ALT5 gpio1.IO[18] Input with PD ENET_TX_CTL AF24 NVCC_ENET GPIO ALT5 gpio1.IO[22] Input with PD ENET_TXC AE24 NVCC_ENET GPIO ALT5 gpio1.IO[23] Input with PD GPIO1_IO00 A7 NVCC_GPIO GPIO ALT0 gpio1.IO[0] Input with PD Table 77. 15 x 15 mm functional contact assignments (continued) Ball Name Ball Power group Ball type Reset condition Default Default function Input/ Output status |