| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IMX8MPCEC bảng dữ liệu(PDF) 89 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX8MPCEC bảng dữ liệu(HTML) 89 Page - NXP Semiconductors |
|
89 / 111 page ![]() Package information and contact assignments i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021 NXP Semiconductors 89 5.1.2 15 x 15 mm supplies contact assignments and functional contact assignments Table 76 shows supplies contact assignments for the 15 x 15 mm package. Table 76. i.MX 8M Plus 15 x 15 mm supplies contact assignments Supply Rail Name Ball(s) Position(s) Remark NVCC_CLK R22 Supply for CLK interface NVCC_DRAM J8, J10, L8, N8, R8, U8, W8, AA8, AA10 Supply for DRAM interface NVCC_ECSPI_HDMI AA14 Supply for ESCPI and HDMI interfaces NVCC_ENET AA24 Supply for ENET interface NVCC_GPIO J11 Supply for GPIO interface NVCC_I2C_UART Y10 Supply for I2C and UART interfaces NVCC_JTAG K11 Supply for JTAG interface NVCC_NAND U22 Supply for NAND interface NVCC_SAI1_SAI5 Y11 Supply for SAI interface NVCC_SAI2_SAI3_SPDIF AA11 Supply for SAI and SPDIF interfaces NVCC_SD1 U24 Supply for SDHC1 interface NVCC_SD2 W24 Supply for SDHC2 interface NVCC_SNVS_1P8 R24 Supply for SNVS interface PVCC0_1P8 J16 Digital IO pre-drive PVCC1_1P8 AA19 Digital IO pre-drive PVCC2_1P8 AA16 Digital IO pre-drive VDD_24M_XTAL_1P8 L22 Supply for XTAL VDD_ANA0_1P8 J20 Supply for Analog logic VDD_ANA1_0P8 R21 Supply for Analog logic VDD_ANA1_1P8 N22 Supply for Analog logic VDD_ANA2_1P8 Y20 Supply for Analog logic VDD_ARM T14, V16, W12, W13, W17, Y14, Y15, Y16, T16, U12, U13, U14, U15, U16, U17, V14 Supply for Arm Core VDD_ARM_PLL_0P8 W21 Supply for ARM PLL VDD_ARM_PLL_1P8 Y19 Supply for ARM PLL VDD_AVPLL_1P8 W19 Supply for AV PLL VDD_DRAM_PLL_0P8 R9 Supply for DRAM PLL VDD_DRAM_PLL_1P8 R6 Supply for DRAM PLL VDD_EARC_1P8 AA20 Supply for EARC interface |