| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IMX8MPCEC bảng dữ liệu(PDF) 91 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX8MPCEC bảng dữ liệu(HTML) 91 Page - NXP Semiconductors |
|
91 / 111 page ![]() Package information and contact assignments i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021 NXP Semiconductors 91 Table 77 shows an alpha-sorted list of functional contact assignments for the 15 x 15 mm package. Table 77. 15 x 15 mm functional contact assignments Ball Name Ball Power group Ball type Reset condition Default Default function Input/ Output status BOOT_MODE0 G10 NVCC_JTAG GPIO ALT0 ccmsrcgpcmix.BO OT_MODE[0] Input with PD BOOT_MODE1 F8 NVCC_JTAG GPIO ALT0 ccmsrcgpcmix.BO OT_MODE[1] Input with PD BOOT_MODE2 G8 NVCC_JTAG GPIO ALT0 ccmsrcgpcmix.BO OT_MODE[2] Input with PD BOOT_MODE3 G12 NVCC_JTAG GPIO ALT0 ccmsrcgpcmix.BO OT_MODE[3] Input with PD CLKIN1 K28 NVCC_CLK GPIO — — Input with PD CLKIN2 L28 NVCC_CLK GPIO — — Input with PD CLKOUT1 K29 NVCC_CLK GPIO — — Output low CLKOUT2 L29 NVCC_CLK GPIO — — Output low DRAM_AC00 J6 NVCC_DRAM DDR — — Output low DRAM_AC01 G5 NVCC_DRAM DDR — — Output low DRAM_AC02 N6 NVCC_DRAM DDR — — Input DRAM_AC03 J4 NVCC_DRAM DDR — — Input DRAM_AC04 M1 NVCC_DRAM DDR — — Input DRAM_AC05 M2 NVCC_DRAM DDR — — Input DRAM_AC06 G4 NVCC_DRAM DDR — — Input DRAM_AC07 J5 NVCC_DRAM DDR — — Input DRAM_AC08 L6 NVCC_DRAM DDR — — Input DRAM_AC09 L4 NVCC_DRAM DDR — — Input DRAM_AC10 E4 NVCC_DRAM DDR — — Input DRAM_AC11 D4 NVCC_DRAM DDR — — Input DRAM_AC12 N4 NVCC_DRAM DDR — — Input DRAM_AC13 N5 NVCC_DRAM DDR — — Input DRAM_AC14 L5 NVCC_DRAM DDR — — Input DRAM_AC15 R5 NVCC_DRAM DDR — — Input DRAM_AC16 N1 NVCC_DRAM DDR — — Input DRAM_AC17 N2 NVCC_DRAM DDR — — Input DRAM_AC19 P2 NVCC_DRAM DDR — — Input |